Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2005 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB2005
Description  USB 2.0 ATA/ATAPI Controller with PD-DRM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2005 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB2005 Datasheet HTML 10Page - SMSC Corporation USB2005 Datasheet HTML 11Page - SMSC Corporation USB2005 Datasheet HTML 12Page - SMSC Corporation USB2005 Datasheet HTML 13Page - SMSC Corporation USB2005 Datasheet HTML 14Page - SMSC Corporation USB2005 Datasheet HTML 15Page - SMSC Corporation USB2005 Datasheet HTML 16Page - SMSC Corporation USB2005 Datasheet HTML 17Page - SMSC Corporation USB2005 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
USB 2.0 ATA/ATAPI Controller with PD-DRM
Datasheet
Revision 0.2 (01-16-07)
14
SMSC USB2005
DATASHEET
Chapter 6 Typical Application
Figure 6.1 USB2005 Typical Application
USB2005
3.3V
Regulator
Micro HDD
Media
Player
HDD Interface
Control
USB
Bus
Status
3.3V Battery supply to USB2005
USB
Optional
Configuration
SEEPROM
Optional
External
Program
Memory
USB power input
1N4001
3.3V
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com