Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2005 Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB2005
Description  USB 2.0 ATA/ATAPI Controller with PD-DRM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2005 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB2005 Datasheet HTML 13Page - SMSC Corporation USB2005 Datasheet HTML 14Page - SMSC Corporation USB2005 Datasheet HTML 15Page - SMSC Corporation USB2005 Datasheet HTML 16Page - SMSC Corporation USB2005 Datasheet HTML 17Page - SMSC Corporation USB2005 Datasheet HTML 18Page - SMSC Corporation USB2005 Datasheet HTML 19Page - SMSC Corporation USB2005 Datasheet HTML 20Page - SMSC Corporation USB2005 Datasheet HTML 21Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Chapter 10 Package Outline
Figure 10.1 USB2005 100 Pin STQFP Package (12x12x1.4 mm body, 14x14 mm footprint)
E
b
D1
D
E1
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETER.
2. TRUE POSITION SPREAD TOLERANCE OF EACH LEAD IS ± 0.035mm MAXIMUM.
3. DIMENSIONS "D1" AND "E1" DO NOT INCLUDE MOLD PROTRUSIONS. MAXIMUM ALLOWED
PROTRUSION IS 0.25 mm PER SIDE.
4. DIMENSION "L" IS MEASURED AT THE GAUGE PLANE, 0.25mm ABOVE THE SEATING PLANE.
5. DETAILS ON PIN 1 IDENTIFIER ARE OPTIONAL BUT MUST BE LOCATED WITHIN THE ZONE
INDICATED.
STD COMPLIANCE
INTERPRET DIM AND TOL PER
ASME Y14.5M - 1994
DWG NUMBER
PRINT WITH "SCALE TO FIT"
DO NOT SCALE DRAWING
MATERIAL
FINISH
APPROVED
CHECKED
DRAWN
SCALE
SHEET
REV
80 ARKAY DRIVE
HAUPPAUGE, NY 11788
USA
ANGULAR
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
AND TOLERANCES ARE:
DECIMAL
X.X
X.XX
X.XXX
THIRD ANGLE PROJECTION
NAME
DATE
TITLE
REVISION
DATE
DESCRIPTION
REVISION HISTORY
RELEASED BY
JEDEC: MS-026 (D)
PACKAGE OUTLINE
1:1
-
-
S.K.ILIEV
S.K.ILIEV
S.K.ILIEV
12/17/04
12/17/04
12/17/04
100 STQFP-12x12x1.4mm BODY-0.4mm PITCH
MO-100-STQFP-12x12x1.4
1 OF 1
C
±1°
±0.1
±0.05
±0.025
R1
R2
-
SEE SPEC FRONT PAGE FOR REVISION HISTORY
--
e
E1/4
D1/4
TOP VIEW
SIDE VIEW
DETAIL "A"
3-D VIEW
3
3
2
5
A1
A2
A
c
C
ccc C
SEE DETAIL "A"
L
L1
SEATING PLANE
0.25
0°-7°
GAUGE PLANE
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com