Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA3200DIK4AX Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # ADA3200DIK4AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIK4AX Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button ADA3200DIK4AX Datasheet HTML 51Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 52Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 53Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 54Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 55Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 56Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 57Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 58Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
55
AMD Athlon™ 64 FX Processor
1
CPUID extended function 8000_0001h fields are used by BIOS in uniquely associating a given p rocessor to the P-
states that are valid for that p rocessor. Refer to the BIOS and Kernel Develop er’s Guide for AM D Athlon™ 64
and AM D Op teron™ Processors, order# 26094.
2
FIDVID Status Register, M SR C001_0042h.
3
The VID_VDD voltage is the VID[4:0] requested VDD sup p ly level. Refer to the ap p rop riate functional data
sheet for details.
4
Thermal Design Power (TDP) is measured under the conditions of Tcase M ax, IDD M ax, and VDD=VID_VDD,
and include all p ower dissip ated on-die from VDD, VDDIO, VLDT, VTT, and VDDA.
5
Imp lementation of this P-state is op tional in BIOS.
6
StartVID and M axVID are p rogrammed during device manufacturing with p art-sp ecific values for Rev E and later
p rocessors, and can have one or more valid op tions. All valid op tions for StartVID, M axVID, and VID_VDD will
be sp ecified for the corresp onding OPN. For information on the relationship of StartVID and M axVID to
VID_VDD refer to the BIOS and Kernel Develop er’s Guide for AM D Athlon™ 64 and AM D Op teron™
Processors, order# 26094. Contact y our FAE for more info on TDP sp ecifications.
7
Thermal Design Power (TDP) sp ecifications for dual core p rocessors assume equivalent P-states (Voltage and
frequency ) and equivalent Tcase conditions for both cores. Refer to the BIOS and Kernel Develop er’s Guide for
AM D Athlon™ 64 and AM D Op teron™ Processors, order# 26094, for details on P-state op eration for dual core
processors.
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com