Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA3200DIK4AX Datasheet(PDF) 85 Page - Advanced Micro Devices

Part # ADA3200DIK4AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIK4AX Datasheet(HTML) 85 Page - Advanced Micro Devices

Back Button ADA3200DIK4AX Datasheet HTML 81Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 82Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 83Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 84Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 85Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 86Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 87Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 88Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 89Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
85
AMD Athlon™ 64 X2 Dual Core Processor
Table 39: AMD Athlon™ 64 X2 Dual Core Processor Temperature Options
OPN
Character
Temperature
AVariable
Table 40: AMD Athlon™ 64 X2 Dual Core Processor Operating Voltage
OPN
Character
Operating
Voltage
AVariable
Table 41: AMD Athlon™ 64 X2 Dual Core Processor Package Options
OPN
Character
Package
D
939 Pin Lidded O
μPGA
Table 42: AMD Athlon™ 64 X2 Dual Core Processor Model Number Options
Package
Cache Size Frequency
Model
Number
939 Pin Lidded O
μPGA 2 MB
2200 MHz
4400+
939 Pin Lidded O
μPGA 2 MB
2400 MHz
4800+
939 Pin Lidded O
μPGA 1 MB
2000 MHz
3800+
939 Pin Lidded O
μPGA 1 MB
2200 MHz
4200+
939 Pin Lidded O
μPGA 1 MB
2400 MHz
4600+
Table 43: AMD Athlon™ 64 X2 Dual Core Processor Power Limit
OPN
Character
Power Limit
A
Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com