Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA3200DIK4AX Datasheet(PDF) 84 Page - Advanced Micro Devices

Part # ADA3200DIK4AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIK4AX Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button ADA3200DIK4AX Datasheet HTML 80Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 81Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 82Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 83Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 84Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 85Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 86Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 87Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
84
AMD Athlon™ 64 X2 Dual Core Processor
5 AMD Athlon™ 64 X2 Dual Core Processor
The following sections contain thermal/power and related BIOS specifications for
AMD Athlon™ 64 X2 Dual Core processors. Each column in the BIOS and thermal/power tables
represents a specific Ordering Part Number (OPN). Section 5.1 provides an example of the OPN
structure for this processor family.
For power management BIOS requirements, refer to the BIOS and Kernel Developer’s Guide for
AMD Athlon™ 64 Processors and AMD Opteron™ Processors, order #26094.
5.1 Ordering Part Number Description
Figure 5. AMD Athlon™ 64 X2 Dual Core Processor Ordering Part Number Example
Note: Refer to AMD Functional Data Sheet,
939 Pin Package, order #31411 for package
drawings.
Table 37: AMD Athlon™ 64 X2 Dual Core Processor Part Definition Options
Part
Definition
Revision
Package
Drawing
BV
Rev E4
Lidded
CD
Rev E6
Lidded
Table 38: AMD Athlon™ 64 X2 Dual Core Processor L2 Cache Size Options
OPN
Character
Cache Size
51 MB
62 MB
Part Definition: BV = Rev E4 (see Table 37)
L2 Cache Size: 5 = 1 Megabyte (see Table 38)
Case Temperature: A = Variable (see Table 39)
Operating Voltage: A = Variable (see Table 40)
Package: D = 939 Pin Lidded O
μPGA (see Table 41)
Model Number: 4800: (see Table 42)
Brand: AMD Athlon™ 64 Desktop
Power Limit: A = Standard (see Table 43)
AD A 4800 D A A 5 BV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com