Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA3200DIK4AX Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # ADA3200DIK4AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIK4AX Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button ADA3200DIK4AX Datasheet HTML 78Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 79Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 80Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 81Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 82Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 83Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 84Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 85Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
82
AMD Turion™ 64 Mobile Technology
The notes for this table appear on page 83.
Parameter/OPN
Notes
Tdie M ax
Tambient / Trise
Thermal Resistance (die-amb)
Max P-S tate
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Intermediate P-S tate #1
12
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Intermediate P-S tate #2
12
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Intermediate P-S tate #3
12
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Intermediate P-S tate #4
12
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Intermediate P-S tate #5
12
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Intermediate P-S tate #6
12
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Min P-S tate
VID_VDD / VDD_dc Typ
1, 2
IDD M ax
Thermal Design Power
3
Halt/S top Grant
IDDC1 Max @ Max P-State
4
IDDC1 Max @ Min P-State
5
I/O Power
10, 13
C3/S 1 Min P-S tate VID_VDD 6
IDDC3 M ax
I/O Power
10, 13
C3/S 1 AltVID
7
VID_VDD
8
IDDC3 M ax
I/O Power
10, 13
S3
9
I/O Power
9, 11, 13
250 mW
250 mW
0.64 A
360 mW
360 mW
0.850 V
800 M Hz
800 MHz
0.83 A
360 mW
N/A
N/A
2.2 W
6.10 A
1.46 A
6.42 A
0.900 V
0.888 V
7.9 W
N/A
0.83 A
360 mW
0.64 A
0.850 V
2.2 W
6.10 A
1.46 A
6.42 A
0.900 V
0.888 V
7.9 W
N/A
N/A
N/A
14.25 A
19.9 W
N/A
N/A
17.5 W
16.70 A
20.9 W
1600 M Hz
1.100 V
1.074 V
1.121 V
15.79 A
N/A
19.58 A
1800 M Hz
1.150 V
1.119 V
25.0 W
1800 M Hz
1.200 V
1.166 V
18.70 A
24.0 W
1600 M Hz
1.150 V
2.08°C/W
2.00°C/W
TMS MT34BQX5LD
TMSMT37BQX5LD
95°C
35°C
95°C
35°C
10°C
10°C
2000 M Hz
1.200 V
1.164 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com