Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA3200DIK4AX Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # ADA3200DIK4AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIK4AX Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button ADA3200DIK4AX Datasheet HTML 75Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 76Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 77Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 78Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 79Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 80Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 81Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 82Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
79
AMD Turion™ 64 Mobile Technology
1.
CPUID extended function 8000_0001h fields are used by BIOS in uniquely associating a given processor to the P-
states that are valid for that processor. Refer to the BIOS and Kernel Developer’s Guide for AM D Athlon™ 64
and AM D Opteron™ Processors, order# 26094.
2.
FIDVID Status Register, M SR C001_0042h.
3.
BIOS programs the AltVID setting into Function 3: Offset D8h. Not all systems are AltVID capable. Refer to the
BIOS and Kernel Developer’s Guide for AM D Athlon™ 64 and AM D Opteron™ Processors, order# 26094 for
further details.
4.
The VID_VDD voltage for Low Power M obile parts corresponds to 0 load (0 Amp IDD) conditions for the
VID[4:0] requested VDD supply level. Refer to the AM D Functional Data Sheet, 754 Pin Package, order #31410,
for details.
5.
Refer to the BIOS and Kernel Developer’s Guide for AM D Athlon™ 64 and AM D Opteron™ Processors, order
#26094, for information on translating VID Codes to Standard or Low Power Mobile Voltages.
6.
Thermal Design Power (TDP) for Low Power M obile parts is measured under the conditions of Tdie M ax, IDD
M ax, and VDD=VDD_dc Typ, and include all power dissipated on-die from VDD, VDDIO, VLDT, VTT, and
VDDA. Contact your Field Application Engineer for more information on TDP specifications.
7.
Implementation of this P-state is optional in BIOS.
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com