Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA3200DIK4AX Datasheet(PDF) 87 Page - Advanced Micro Devices

Part # ADA3200DIK4AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIK4AX Datasheet(HTML) 87 Page - Advanced Micro Devices

Back Button ADA3200DIK4AX Datasheet HTML 83Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 84Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 85Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 86Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 87Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 88Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 89Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 90Page - Advanced Micro Devices ADA3200DIK4AX Datasheet HTML 91Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
87
AMD Athlon™ 64 X2 Dual Core Processor
5.2 AMD Athlon™ 64 X2 Dual Core Processor BIOS Specifications
Table 45 contains the power and thermal related BIOS specifications for this processor family. Each
column in the BIOS specification tables represents a specific Ordering Part Number (OPN). Section
5.1 provides an example of the OPN structure for this processor family.
Table 45: AMD Athlon™ 64 X2 Dual Core Processor BIOS Specifications
The notes for this table appear on page 90.
Parameter/OPN
Notes
M odel Number
CPUID 8000_0001h EBX [11:6]
(BrandID)
1
CPUID 8000_0001h EAX [31:0]
(CPUID)
1
FID/VID Status M axFID Field
2
FID/VID Status StartFID Field
2
L2 Cache Size
M ax HyperTransport Frequency
Max P-S tate
FID/VID Status M axVID Field
2, 6
FID/VID Status StartVID Field
2, 6
VID Code
VID_VDD
3
Thermal Design Power
4, 7
Intermediate P-S tate #1
5
VID Code / VID_VDD
3
Thermal Design Power
4, 7
Intermediate P-S tate #2
5
VID Code / VID_VDD
3
Thermal Design Power
4, 7
Intermediate P-S tate #3
5
VID Code / VID_VDD
3
Thermal Design Power
4, 7
Intermediate P-S tate #4
5
VID Code / VID_VDD
3
Thermal Design Power
4, 7
Intermediate P-S tate #5
5
VID Code / VID_VDD
3
Thermal Design Power
4, 7
Intermediate P-S tate #6
5
VID Code / VID_VDD
3
Thermal Design Power
4, 7
Min P-S tate
VID Code / VID_VDD
3
Thermal Design Power
4, 7
2000 MHz
0Eh
105.6 W
1.250 V
1.200 V
105.6 W
0Ch
1.300 V
110.0 W
ADA4400DAA6CD
ADA4800DAA6CD
4400+
4800+
05h
05h
00020F32h
00020F32h
2200 MHz
2400 M Hz
2 MB
2 M B
2200 M Hz
0Ah
1.250 V
0Eh
10h
08h
06h
1000 M Hz
0Eh
10h
110.0 W
1000 MHz
08h
06h
0Ah
08h
0Ah
08h
1.300 V
0Ah
1.300 V
74.8 W
N/A
N/A
N/A
N/A
N/A
N/A
1800 MHz
2000 M Hz
0Ch
1000 MHz
1000 M Hz
12h
1.100 V
46.6 W
12h
1.100 V
49.0 W
89.1 W
89.1 W
N/A
1800 M Hz
1.350 V
08h
1.300 V
1.350 V
0Ah
0Ah
08h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com