Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7112 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP7112
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7112 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP7112 Datasheet HTML 26Page - Analog Devices ADP7112 Datasheet HTML 27Page - Analog Devices ADP7112 Datasheet HTML 28Page - Analog Devices ADP7112 Datasheet HTML 29Page - Analog Devices ADP7112 Datasheet HTML 30Page - Analog Devices ADP7112 Datasheet HTML 31Page - Analog Devices ADP7112 Datasheet HTML 32Page - Analog Devices ADP7112 Datasheet HTML 33Page - Analog Devices ADP7112 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
30 of 47
resistor-divider. Many low-noise regulators pin out their voltage reference to allow for noise reduction by bypassing
the reference voltage.
Unlike most linear regulators, the LT3046 does not use a voltage reference. Instead, the LT3046 uses a 100μA
current reference. The current reference operates with a typical noise-current level of 20pA/√Hz (6nARMS over a 10Hz
to 100kHz bandwidth). The resultant voltage noise equals the current noise multiplied by the resistor value, which,
in turn, is RMS summed with the noise of the error amplifier and the thermal noise of the resistor, √4kTR, where k =
Boltzmann constant (1.380649 × 10-23J/K), and T is the absolute temperature.
One problem that conventional linear regulators face is that the resistor-divider setting the output voltage gains up
the reference noise. In contrast, the unity-gain follower architecture of the LT3046 presents no gain from the SET
pin to the output. Therefore, if a capacitor bypasses the SET pin resistor, the output noise is independent of the
programmed output voltage. The resultant output noise is then set only by the noise of the error amplifier, typically
2.2nV/√Hz from a 10kHz to 1MHz bandwidth and 0.8μVRMS from a 10Hz to 100kHz bandwidth using a 4.7μF SET pin
capacitor. Paralleling multiple LT3046 devices further reduces noise by √N, for N parallel regulators.
See Figure 51, Figure 52, Figure 54, Figure 56, and Figure 58 for the noise spectral density (for the 10Hz to 10MHz
frequency range and for the 0.1Hz to 10Hz 1/f noise frequency range) and RMS integrated noise over various load
currents and SET pin capacitance information.
SET Pin (Bypass) Capacitance: Noise, PSRR, Transient Response, and Soft-Start
In addition to reducing output noise, using a SET pin bypass capacitor also improves PSRR and transient
performance. Note that any bypass-capacitor leakage deteriorates the DC regulation of the LT3046. Capacitor
leakage of even 100nA is a 0.1% DC error. Therefore, Analog Devices recommends the use of a good quality, low-
leakage ceramic capacitor.
Using a SET pin bypass capacitor also soft starts the output and limits inrush current. The RC time constant, formed
by the SET pin resistor and capacitor, controls the soft-start time. The ramp-up rate from 0% to 90% of nominal
VOUT is the following:
������������������ ≈ 2.3 × ������������������������ × ������������������������ (������������������������ ������������������������������������������ ������������������������������������������������)
Fast Startup
For ultra-low noise applications that require low 1/f noise (that is, at frequencies below 100Hz), a larger value, SET
pin capacitor of up to 22μF is required. Typically, this larger value significantly increases the start-up time of the
regulator. However, the LT3046 incorporates fast start-up circuitry that increases the SET pin current to
approximately 2.2mA during startup.
As shown in Figure 66, the 2.2mA current source remains engaged while PGFB is less than 298mV, unless the
regulator is in current limit, dropout, thermal shutdown, or the input voltage is less than the minimum VIN.
If the fast start-up capability is not used, connect PGFB to IN or to OUT for output voltages more than 298mV and
note that this also disables the power-good functionality.
EN/UV
The EN/UV pin is used to put the regulator into a micropower shutdown state. The LT3046 has an accurate 1.27V
turn-on threshold on the EN/UV pin with 110mV of hysteresis. This threshold can be used with a resistor-divider
from the input supply to define an accurate UVLO threshold for the regulator. The EN/UV pin current (IEN/UV) at the
threshold from Table 1 must be considered when calculating the resistor-divider network as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com