Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7112 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP7112
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7112 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP7112 Datasheet HTML 21Page - Analog Devices ADP7112 Datasheet HTML 22Page - Analog Devices ADP7112 Datasheet HTML 23Page - Analog Devices ADP7112 Datasheet HTML 24Page - Analog Devices ADP7112 Datasheet HTML 25Page - Analog Devices ADP7112 Datasheet HTML 26Page - Analog Devices ADP7112 Datasheet HTML 27Page - Analog Devices ADP7112 Datasheet HTML 28Page - Analog Devices ADP7112 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
25 of 47
The benefit of using a current reference compared to the typical voltage reference used in conventional regulators
is that the regulator always operates in a unity-gain configuration, independent of the programmed output voltage.
This configuration allows the LT3046 to have loop gain, frequency response, and bandwidth independent of the
output voltage. As a result, noise, PSRR, and transient performance do not change with output voltage. Moreover,
because none of the error-amplifier gain is needed to amplify the SET pin voltage to a higher output voltage, output
load regulation is more tightly specified in the hundreds of microvolts range and not as a fixed percentage of the
output voltage.
Because the zero temperature-coefficient current source is highly accurate, the SET pin resistor can become a
limiting factor in achieving high accuracy. Therefore, the SET pin resistor must be a precision resistor. Additionally,
any leakage paths to or from the SET pin create errors in the output voltage. If necessary, use high-quality
insulation (for example, Teflon™ or KEL-F®). Moreover, cleaning of all insulating surfaces to remove fluxes and other
residues can be required. High humidity environments can require a surface coating at the SET pin to provide a
moisture barrier.
Minimize board leakage by encircling the SET pin with a guard ring that operates at a potential close to itself,
ideally connected to the OUT pins. Guarding both sides of the circuit board is recommended. Bulk leakage
reduction depends on the guard-ring width. Leakages of 100nA into or out of the SET pin creates a 0.1% error in the
reference voltage. Leakages of this magnitude, coupled with other sources of leakage, can cause significant errors
in the output voltage, especially over a wide operating temperature range. Figure 68 illustrates a typical guard-ring
layout technique.
Figure 68. DFN Guard Ring Layout
Because the SET pin is a high-impedance node, unwanted signals can couple into the SET pin and cause erratic
behavior, which is most noticeable when operating with a minimum output capacitor at heavy load currents.
Bypassing the SET pin with a small capacitance to ground resolves this issue, 10nF is sufficient. For applications
requiring higher accuracy or an adjustable output voltage, the SET pin can be actively driven by an external voltage
source capable of sinking 100μA. Connecting a precision-voltage reference to the SET pin eliminates any errors
present in the output voltage due to the reference current and SET pin resistor tolerances.
Output Sensing and Stability
The OUTS pin of the LT3046 provides a Kelvin-sense connection to the output. The GND side of the SET pin resistor
provides a Kelvin-sense connection to the GND side of the load.
Additionally, for ultra-high PSRR, the LT3046 bandwidth is made quite high (~1 MHz), making it close to the self-
resonance frequency (~2.3 MHz) of a typical 4.7μF (1206 case size), ceramic, output capacitor. Therefore, it is
important to avoid adding extra impedance (ESR and ESL) outside the feedback loop. To that end, as shown in
Figure 69, minimize the effects of PCB trace and solder inductance by connecting the OUTS pin directly to COUT and
the GND side of CSET directly to the GND side of COUT. Also keep the GND sides of CIN and COUT reasonably close. Refer
to the LT3046 evaluation board user guide (LT3046EVK#DFN) for more information on the recommended layout that
1
2
3
4
5
6
7
8
9
10
11
12
13
SET
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com