Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7112 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP7112
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7112 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP7112 Datasheet HTML 25Page - Analog Devices ADP7112 Datasheet HTML 26Page - Analog Devices ADP7112 Datasheet HTML 27Page - Analog Devices ADP7112 Datasheet HTML 28Page - Analog Devices ADP7112 Datasheet HTML 29Page - Analog Devices ADP7112 Datasheet HTML 30Page - Analog Devices ADP7112 Datasheet HTML 31Page - Analog Devices ADP7112 Datasheet HTML 32Page - Analog Devices ADP7112 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
29 of 47
reduce the overall inductance is to place the forward and return current conductors (the input and ground wires)
close. Two 30-AWG wires separated by 0.02in reduce the overall inductance to about one-fifth of a single wire.
If a battery mounted close powers the LT3046, a 4.7μF input capacitor suffices for stability. However, if a distantly
located supply powers the LT3046, use a larger value input capacitor. Use a rough guideline of 1μF (in addition to
the 4.7μF minimum) per 6in of wire length. The minimum input capacitance required to stabilize the application
also varies with the output capacitance as well as the load current. Place additional capacitance on the output of
the LT3046 to help this issue. However, this method requires significantly more output capacitance compared to
additional input bypassing. Series resistance between the supply and the input of the LT3046 also helps stabilize
the application. As little as 0.1Ω to 0.5Ω suffices. This impedance dampens the LC tank circuit at the expense of the
dropout voltage. A better alternative is to use a higher ESR tantalum or electrolytic capacitor at the input of the
LT3046 in parallel with a 4.7μF ceramic capacitor.
PSRR and Input Capacitance
For applications using the LT3046 for post-regulating switching converters, placing a capacitor directly at the input
of the LT3046 results in AC current (at the switching frequency) to flow near the LT3046. This relatively high-
frequency switching current generates a magnetic field that couples to the output of the LT3046, degrading its
effective PSRR. While highly dependent on the PCB, the switching preregulator, and the input capacitance, among
other factors, the PSRR degradation can be easily more than 30dB at 1 MHz. This degradation is present even if the
LT3046 is desoldered from the board because it effectively degrades the PSRR of the PCB itself. While negligible for
conventional, low PSRR, LDO regulators, the ultra-high PSRR of the LT3046 requires careful attention to higher
order parasitics to extract the full performance offered by the regulator.
To mitigate the flow of the high-frequency switching current near the LT3046, as long as the output capacitor of the
switching converter is located more than an inch away from the LT3046, remove the input capacitor of the LT3046.
Magnetic coupling rapidly decreases with increasing distance. Nonetheless, if the switching preregulator is placed
too far away (conservatively more than a couple inches) from the LT3046, with no input capacitor present, as with
any regulator, the input of the LT3046 oscillates at the parasitic LC resonance frequency. In addition, it is generally
a common (and a preferred) practice to bypass the regulator input with some capacitance. Therefore, this option is
fairly limited in its scope and not the optimal solution.
To that end, Analog Devices recommends using the LT3046 evaluation board layout for achieving the best possible
PSRR performance (refer to the LT3046EVK#DFN evaluation board user guide). The LT3046 evaluation board layout
uses magnetic-field cancellation techniques to prevent PSRR degradation caused by this high-frequency current
flow, while using the input capacitor.
Filtering High-Frequency Spikes
For applications where the LT3046 is used to post regulate a switching converter, its high PSRR effectively
suppresses any noise present at the switching frequency of the switching converter, typically 100kHz to 4MHz.
However, the high-frequency (hundreds of MHz) spikes, beyond the bandwidth of the LT3046, associated with the
power-switch transition times of the switching converter almost directly pass through the LT3046. While the output
capacitor is intended partly to absorb these spikes, its ESL limits its ability at these frequencies. A ferrite bead or
even the inductance associated with a short (for example, 0.5in) PCB trace between the output of the switching
converter and the input of the LT3046 can serve as an LC filter to suppress these high-frequency spikes.
Output Noise
The LT3046 offers many advantages with respect to noise performance. Traditional linear regulators have several
sources of noise. The most critical noise sources for a traditional regulator are its voltage reference, error amplifier,
noise from the resistor-divider network used for setting the output voltage, and the noise gain created by this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com