Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7112 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP7112
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7112 Datasheet(HTML) 1 Page - Analog Devices

  ADP7112 Datasheet HTML 1Page - Analog Devices ADP7112 Datasheet HTML 2Page - Analog Devices ADP7112 Datasheet HTML 3Page - Analog Devices ADP7112 Datasheet HTML 4Page - Analog Devices ADP7112 Datasheet HTML 5Page - Analog Devices ADP7112 Datasheet HTML 6Page - Analog Devices ADP7112 Datasheet HTML 7Page - Analog Devices ADP7112 Datasheet HTML 8Page - Analog Devices ADP7112 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Data Sheet
LT3046
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 - 2356, U.S.A.
T el: 781.329.4700
© 2023 Analog D evic es, Inc. Al l rig hts r eser ved.
FEATURES
Ultra-Low RMS Noise: 0.8μVRMS (10Hz to 100kHz)
Ultra-Low Noise: 2.2nV/√Hz at 10kHz
Ultra-Low 1/f Noise: 2.5μVP-P (0.1Hz to 10Hz)
Ultra-High PSRR: 82dB at 1MHz
Output Current: 200mA
Wide Input-Voltage Range: 2.2V to 20V
Single Capacitor Improves Noise and PSRR
SET Pin Current: 100μA, ±0.5% Initial Accuracy
Single Resistor Programs Output Voltage
Programmable Current Limit
Low Dropout Voltage: 300mV
Output-Voltage Range: 0.2V to 19V
Programmable Power Good
Fast Start-Up Capability
Precision Enable/UVLO
Parallelable for Lower Noise and Higher Current
Internal Current Limit with Foldback
Minimum Output Capacitor: 4.7μF Ceramic
Compact, Low-Profile, 12-Lead, 3mm × 3mm, DFN
Package
APPLICATIONS
RF Power Supplies: PLLs, VCOs, Mixers, LNAs, PAs
Very Low-Noise Instrumentation
High-Speed/High-Precision Data Converters
Post-Regulator for Switching Supplies
GENERAL DESCRIPTION
The LT3046 is a high-performance, low-dropout linear
regulator featuring Analog Devices, Inc. ultra-low noise
and ultra-high PSRR architecture for powering noise-
sensitive applications. Designed as a precision current
reference followed by a high-performance voltage
buffer, the LT3046 can be easily paralleled to further
reduce noise, increase output current, and spread heat
on the PCB.
The device supplies 200mA at a typical 300mV dropout
voltage. Operating quiescent current is nominally
3.7mA and drops to 26μA in shutdown. The LT3046’s
wide output-voltage range (0.2V to 19V) while
maintaining unity-gain operation provides virtually
constant output noise, PSRR, bandwidth, and load
regulation, independent of the programmed output
voltage. Additionally, the regulator features
programmable current limit, fast start-up capability,
and programmable power good to indicate output
voltage regulation.
Built-in protection includes reverse-battery protection,
reverse-current protection, internal current limit with
foldback and thermal limit with hysteresis. The LT3046
is available in a thermally enhanced, 12-lead, 3mm ×
3mm, DFN package.
TYPICAL APPLICATION
Figure 1. Typical Application
Figure 2. PSRR vs. Frequency
4.7µF*
200kΩ
4.7µF
33.2kΩ
453kΩ
4.7µF
IN
EN/UV
PG
VIN
5V
SET
GND
ILIM
OUTS
OUT
LT3046
*OPTIONAL, SEE
APPLICATIONS
INFORMATION
VOUT
3.3V
IOUT(MAX)
200mA
PGFB
100µA
49.9kΩ
VIN = 5V
VOUT = 3.3V
CSET = 4.7µF
COUT = 22µF
IL = 200mA
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140


Similar Part No. - ADP7112

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7112ACBZ-1.2-R7 AD-ADP7112ACBZ-1.2-R7 Datasheet
584Kb / 21P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7112ACBZ-1.8-R7 AD-ADP7112ACBZ-1.8-R7 Datasheet
584Kb / 21P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7112ACBZ-2.5-R7 AD-ADP7112ACBZ-2.5-R7 Datasheet
584Kb / 21P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7112ACBZ-3.3-R7 AD-ADP7112ACBZ-3.3-R7 Datasheet
584Kb / 21P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
More results

Similar Description - ADP7112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20249 MPS-MP20249 Datasheet
352Kb / 12P
Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com