Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7112 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP7112
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7112 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP7112 Datasheet HTML 30Page - Analog Devices ADP7112 Datasheet HTML 31Page - Analog Devices ADP7112 Datasheet HTML 32Page - Analog Devices ADP7112 Datasheet HTML 33Page - Analog Devices ADP7112 Datasheet HTML 34Page - Analog Devices ADP7112 Datasheet HTML 35Page - Analog Devices ADP7112 Datasheet HTML 36Page - Analog Devices ADP7112 Datasheet HTML 37Page - Analog Devices ADP7112 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
34 of 47
The underside of the DFN package has exposed metal from the lead frame to the die attachment. This package
allows heat to directly transfer from the die junction to the PCB metal to limit maximum operating junction
temperature. The dual, inline pin arrangement allows metal to extend beyond the ends of the package on the top
side (component side) of the PCB.
For surface-mount devices, heat sinking is accomplished by using the heat-spreading capabilities of the PCB and its
copper traces. Copper board stiffeners and plated throughholes can also be used to spread the heat generated by
the LDO regulator.
Table 7 lists the thermal resistance as a function of the copper area on a fixed board size. All measurements were
taken in still air on a 4-layer FR4 board with 1oz solid internal planes and 2oz top and bottom planes with a total
board thickness of 1.6mm. The four layers were electrically isolated with no thermal vias present. PCB layers,
copper weight, board layout, and thermal vias affect the resultant thermal resistance. For more information on
thermal resistance and high thermal conductivity test boards, refer to JEDEC standard JESD-51, JESD51-7, and
JESD51-12. Achieving low thermal resistance necessitates careful PCB layout.
Table 7. Measured Thermal Resistance for DFN Package
COPPER AREA
BOARD AREA (mm2)
THERMAL RESISTANCE
(θJA)
TOP SIDE1 (mm2)
BOTTOM SIDE (mm2)
2500
2500
2500
34°C/W
1000
2500
2500
34°C/W
225
2500
2500
35°C/W
100
2500
2500
36°C/W
1
Device is mounted on the top side.
Calculating Junction Temperature
For example, given an output voltage of 3.3V, an input voltage of 5V ± 5%, an output current range from 1mA to
200mA, and a maximum ambient temperature of +105°C, what is the maximum junction temperature?
The power dissipation of the LT3046 is the following:
������������������������(������������������) × (������������������(������������������) − ������������������������) + ������������������������ × ������������������(������������������)
where:
IOUT(MAX) = 200mA.
VIN(MAX) = 5.25V.
IGND (at IOUT = 200mA and VIN = 5.25V) = 7.2mA.
Therefore,
������������������������������ = 0.2������ × (5.25������ − 3.3������) + 7.2������������ × 5.25������ = 0.43������
Using a DFN package, the thermal resistance is in the range of 34°C/W to 36°C/W depending on the copper area.
Therefore, the junction temperature rise above ambient approximately equals 0.43W × 35°C/W = 15°C.
The maximum junction temperature equals the maximum ambient temperature plus the maximum junction
temperature rise above ambient, which calculates as follows:
������������������������������ = 105℃ + 15℃ = 120℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com