Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7112 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP7112
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7112 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP7112 Datasheet HTML 8Page - Analog Devices ADP7112 Datasheet HTML 9Page - Analog Devices ADP7112 Datasheet HTML 10Page - Analog Devices ADP7112 Datasheet HTML 11Page - Analog Devices ADP7112 Datasheet HTML 12Page - Analog Devices ADP7112 Datasheet HTML 13Page - Analog Devices ADP7112 Datasheet HTML 14Page - Analog Devices ADP7112 Datasheet HTML 15Page - Analog Devices ADP7112 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
12 of 47
TYPICAL PERFORMANCE CHARACTERISTICS
(TJ = +25°C, unless otherwise noted.)
Figure 4. SET Pin Current vs. Temperature
Figure 5. ISET Distribution
Figure 6. Offset Voltage (VOUT - VSET) vs. Temperature
Figure 7. Offset Voltage (VOS) Distribution
Figure 8. SET Pin Current vs. Input Voltage
Figure 9. Offset Voltage (VOUT - VSET) vs. Input Voltage
VIN = 2.2V
IL = 1mA
VOUT = 1.3V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
N = 200
ISET DISTRIBUTION (µA)
99.0
99.5
100.0
100.5
101.0
VIN = 2.2V
IL = 1mA
VOUT = 1.3V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
N = 200
VOS DISTRIBUTION (mV)
–2
–1
0
1
2
IL = 1mA
VOUT = 1.3V
+150°C
+125°C
+25°C
–40°C
–55°C
INPUT VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
20
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
IL = 1mA
VOUT = 1.3V
+150°C
+125°C
+25°C
–40°C
–55°C
INPUT VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
20
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com