Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TL3
Description  Max. load 4,000N (push)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL3 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TL3 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Note
1 Parameters above are from tested average, please refer to approval drawing for final value.
2 This self-locking force level is reached only when a short circuit is applied on the terminals of the motor. All the TiMOTION control
boxes have this feature built-in.
3 The current & speed in table are tested with 24V DC motor. With a 12V DC motor, the current is approximately twice the current
measured in 24V DC; speed will be similar for both voltages.
4 Bending moment Y direction = X*0.8
5 Static bending moment = dynamic*2
Load and Speed
CODE
Load (N)
Self Locking
Force (N)
Typical Current (A)
Typical Speed (mm/s)
Push
No Load
32V DC
With Load
24V DC
No Load
32V DC
With Load
24V DC
Motor Speed (2200RPM, duty cycle 10%)
B
4000
4000
2.5
6.3
14.5
7.6
C
2000
2000
2.5
4.3
22.0
13.0
D
1000
1000
2.5
3.8
39.0
24.0
Motor Speed (2800RPM, duty cycle 10%)
E
4000
4000
3.5
7.5
18.5
9.4
F
2000
2000
3.5
6.3
35.0
20.0
Motor Speed (3800RPM, duty cycle 10%)
G
4000
4000
4.0
10.8
28.0
13.7
Dynamic bending moment (Nm)- X direction
Stroke (mm)
S/2+150
S/2+220
100-300
700
1000
301-500
500
800
501-700
300
500
701-1200
200
200
Bending moment X
Bending moment Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com