Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3 Datasheet(PDF) 11 Page - TiMOTION Technology Co. Ltd.

Part # TL3
Description  Max. load 4,000N (push)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL3 Datasheet(HTML) 11 Page - TiMOTION Technology Co. Ltd.

Back Button TL3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 10Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 11Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 12Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
TL3 Ordering Key Appendix
Functions for Limit Switches
Wire Definitions
CODE
Pin
1 (Green)
2 (Red)
3 (White)
4 (Black)
5 (Yellow)
6 (Blue)
1
extend (VDC+)
N/A
N/A
N/A
retract (VDC+)
N/A
3
extend (VDC+)
common
upper limit switch
N/A
retract (VDC+)
lower limit switch
1 = DIN 6P, socket (Top end socket)
G = Molex 8P 90°
1 = DIN 6P, 90° plug (Side cable)
H = Molex 8P 180°
2 = Tinned leads
2 = DIN 6P, socket,
F = DIN 6P, 180° plug
C = Direct cut, water proof, anti-pull
Connector
For TH:
long DIN 5P (Pin array 240°),
180° socket (with anti-pull clip)
For Columm 2:
long DIN 6P (Pin array 240°),
180° plug (with anti-pull clip)
For TP:
long DIN 5P (Pin array 240°),
180° plug (with O-ring)
Cable Exit
C = Bottom side - Y cable, for TH + TP
B = Top side - for TH; Bottom side -
for TP
D = Top side - for the 2nd column;
Bottom side - for TH & TP; direct
cut operation with 2 columns
E = Top side - for the 2nd column &
TH; Bottom side - for TP; direct
cut operation with 2 columns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com