Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL3
Description  Max. load 4,000N (push)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL3 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL3 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
The TL3 columns from TiMOTION are made up of three extruded aluminum
tubes of rectangular shape that give the system great stability and a high stroke
with reduced retracted length. This electric lifting column allows for an easy
integration into many height adjustable workstation applications, such as an
exam chair in healthcare industry.
General Features
Max. load
4,000N (push)
Self-locking force
4,000N
Max. dynamic bending moment
1,000Nm
Max. static bending moment
2,000Nm
Max. speed at max. load
13.7mm/s
Max. speed at no load
39mm/s
Retracted length
≥ Stroke / 2+150mm
IP rating
IPX6
Dimension of outer tube
177.4*150.7mm rectangular
Stages
3-stage
Stroke
250~1200mm
Certificate
IEC60601-1, EMC
Output signals
POT, Hall sensors
Options
Direct cut system
Voltage
12V DC; 24V DC (thermal control)
Operational temperature range
+5°C~+45°C
Product Segments
• Care Motion
• Comfort Motion
• Ergo Motion
• Industrial Motion
TL3
series


Similar Part No. - TL3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
22-Jun-17
logo
Banner Engineering Corp...
TL30 BANNER-TL30 Datasheet
807Kb / 6P
TL30 Basic Tower Light
logo
Transko Electronics, In...
TL3002V TRANSKO-TL3002V Datasheet
452Kb / 4P
300.00 MHz IF SAW Filter / 3.66 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL3007S TRANSKO-TL3007S Datasheet
452Kb / 3P
300.00 MHz IF SAW Filter / 9.20 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results

Similar Description - TL3

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA2 TIMOTION-MA2 Datasheet
952Kb / 9P
Max. load 8,000N (push); 4,000N (pull)
20231020-O
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA23 TIMOTION-TA23 Datasheet
1Mb / 12P
Max. load 10,000N (push); 4,000N (pull)
20230719-P
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA41 TIMOTION-TA41 Datasheet
901Kb / 11P
Max. load 8,000N (push);4,000N (pull)
20230609-H
TA43 TIMOTION-TA43 Datasheet
718Kb / 8P
Max. load 4,000N (push/pull)
20201007-H
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com