Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3 Datasheet(PDF) 9 Page - TiMOTION Technology Co. Ltd.

Part # TL3
Description  Max. load 4,000N (push)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL3 Datasheet(HTML) 9 Page - TiMOTION Technology Co. Ltd.

Back Button TL3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 10Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 11Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 12Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
TL3 Ordering Key - Direct Cut
TL3
Version: 20220411-V
Load and Speed
Voltage
IP Rating
Functions for Limit
Switches
See page 11
5 = 24V DC, thermal protector
100~1200
0 = Without
C = Direct cut, water proof, anti-pull
1 = Without
2 = IPX4
3 = IPX6
1 = Two switches at full retracted / extended positions to cut current
Stroke (mm)
Retracted Length
(mm)
Color
1 = Black (With black cable set)
2 = Matte silver (With 428C color cable set)
3 = Matte silver (With black cable set)
See page 3
See page 10
Cable Exit
See page 10
Cable Length (mm)
See page 12
Special Functions
for Spindle
Sub-assembly
B = Top side - for TH; Bottom side - for TP
C = Bottom side - Y cable, for TH + TP
D = Top side - for the 2nd column; Bottom side - for TH & TP; direct cut operation with 2 columns
E = Top side - for the 2nd column & TH; Bottom side - for TP; direct cut operation with 2 columns
B = Cable exit #B, L2 = L3 = 100
C = Cable exit #C, L1 = L2 = L3 = 100
D = Cable exit #D, L2 = L3 = L4 = 100
E = Cable exit #E, L2 = L3 = L4 = 100
0 = Without (Standard)
1 = Safety nut
Output Signals
Connector
See page 11
Grounding Function
0 = Without
1 = With
0 = Thinner on top
1 = Wider on top
Tubes Direction
See page 12
Note
1 The TL3 is designed especially for push applications, not suitable for pull applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com