Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3 Datasheet(PDF) 10 Page - TiMOTION Technology Co. Ltd.

Part # TL3
Description  Max. load 4,000N (push)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL3 Datasheet(HTML) 10 Page - TiMOTION Technology Co. Ltd.

Back Button TL3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 10Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 11Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 12Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
TL3 Ordering Key Appendix
1. Retracted length needs to > A+B+C
Retracted Length (mm)
B. Cable Exit
CODE
Top End Socket
Bottom Side Cable
Top Side Cable
Top + Bottom side cable
Direct Cut
1
-
-
-
-
-
2
-
-
-
-
-
3
-
-
+15
-
-
B
-
-
-
+35
-
B, D, E
-
-
-
-
+35
C
-
-
-
-
-
C. When with POT (When without POT, C = 0)
Cable Exit Code Top End
Socket
Bottom Side Cable Top Side
Cable
1
+40
-
-
2
-
+40
-
3
-
-
+40
A. Load (N)
1000
2000
4000
Stroke / 2+150 or Stroke / 2+220
Note
1 Different retracted length is relative to different bending moment, See page 3.
Note
1 If met S>700mm & RL=S/2+150 & Bottom side cable conditions at the same
time, the minimum retracted length needs to+20mm.
Cable Exit
1 = Top end socket
2 = Bottom side cable
3 = Top side cable
4 = Top (to TC) + Bottom (to TH) side
cable
Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com