Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3 Datasheet(PDF) 7 Page - TiMOTION Technology Co. Ltd.

Part # TL3
Description  Max. load 4,000N (push)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL3 Datasheet(HTML) 7 Page - TiMOTION Technology Co. Ltd.

Back Button TL3 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 10Page - TiMOTION Technology Co. Ltd. TL3 Datasheet HTML 11Page - TiMOTION Technology Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
TL3 Ordering Key - Top End Socket
TL3
Version: 20220411-V
Load and Speed
Voltage
Output Signals
IP Rating
Functions for Limit
Switches
See page 11
1 = 12V DC
5 = 24V DC, thermal control
250~1200
0 = Without
2 = Hall sensors*2
3 = POT
1 = DIN 6P, socket
2 = DIN 6P, socket, with Anti-pull buckle
1 = Without
2 = IPX4
3 = IPX6
1 = Two switches at full retracted / extended positions to cut current
3 = Two switches at full retracted / extended positions to send signal
Stroke (mm)
Retracted Length
(mm)
Grounding Function
0 = Without
1 = With
See page 3
See page 10
Cable Exit
See page 10
Tubes Direction
See page 12
Special Functions
for Spindle
Sub-assembly
1 = Top end socket
Connector
See page 11
Color
1 = Black
2 = Matte silver
Cable Length (mm)
0 = Without (The corresponding extension cable TEC needs to be ordered seperately*)
Note: please contact TiMOTION before making an order
0 = Thinner on top
0 = Without (Standard)
1 = Safety nut
Note
1 The TL3 is designed especially for push applications, not suitable for pull applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com