Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA518 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA518
Description  40V 3.5A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA518 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA518 Datasheet HTML 5Page - STMicroelectronics STA518 Datasheet HTML 6Page - STMicroelectronics STA518 Datasheet HTML 7Page - STMicroelectronics STA518 Datasheet HTML 8Page - STMicroelectronics STA518 Datasheet HTML 9Page - STMicroelectronics STA518 Datasheet HTML 10Page - STMicroelectronics STA518 Datasheet HTML 11Page - STMicroelectronics STA518 Datasheet HTML 12Page - STMicroelectronics STA518 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STA518
Electrical specifications
9/19
Considering that for the STA518 the Thermal resistance Junction to slug is 1.5°C/W and the
extimated Thermal resistance due to the grease placed between slug and heat sink is
2.3°C/W ( the use of thermal pads for this package is not recommended), the suitable Heat
Sink Rth to be used can be drawn from the following graph Figure 11, where is shown the
Derating Power vs.Tambient for different heatsinkers.
3.5
Electrical characteristcs
Table 6.
Electrical Characteristcs
Refer to circuit in Figure 3 (VL = 3.3V; VCC = 30V; RL = 8Ω; fsw = 384KHz;
Tamb = 25°C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RdsON
Power Pchannel/Nchannel
MOSFET RdsON
Id = 1A
200
270
m
Ω
Idss
Power Pchannel/Nchannel
leakage Idss
VCC = 35V
50
µA
gN
Power Pchannel RdsON
Matching
Id = 1A
95
%
gP
Power Nchannel RdsON
Matching
Id = 1A
95
%
Dt_s
Low current Dead Time (static)
see test circuit Figure 3
10
20
ns
Dt_d
High current Dead Time
(dinamic)
L = 22µH; C = 470nF; RL = 8 Ω
Id = 3A; seeFigure 5
50
ns
td ON
Turn-on delay time
Resistive load; VCC = 30V
100
ns
td OFF
Turn-off delay time
Resistive load; VCC = 30V
100
ns
tr
Rise time
Resistive load; as Figure 3
25
ns
tf
Fall time
25
ns
VCC
Supply voltage operating voltage
10
36
V
VIN-H
High level input voltage
VL/2
+300mV
V
VIN-L
Low level input voltage
VL/2 -
300mV
V
IIN-H
Hi level Input current
Pin voltage = VL
1
µA
IIN-L
Low level input current
Pin voltage = 0.3V
1
µA
IPWRDN-
H
Hi level PWRDN pin input current VL = 3.3V
35
µA
VLOW
Low logical state voltage VLow
(pin PWRDN, TRISTATE) (1)
VL = 3.3V
0.8
V
VHIGH
High logical state voltage VHigh
(pin PWRDN, TRISTATE) (1)
VL = 3.3V
1.7
V
IVCC-
PWRDN
Supply current from Vcc in Power
Down
PWRDN = 0
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com