Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA518 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA518
Description  40V 3.5A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA518 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA518 Datasheet HTML 9Page - STMicroelectronics STA518 Datasheet HTML 10Page - STMicroelectronics STA518 Datasheet HTML 11Page - STMicroelectronics STA518 Datasheet HTML 12Page - STMicroelectronics STA518 Datasheet HTML 13Page - STMicroelectronics STA518 Datasheet HTML 14Page - STMicroelectronics STA518 Datasheet HTML 15Page - STMicroelectronics STA518 Datasheet HTML 16Page - STMicroelectronics STA518 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STA518
Technical information
13/19
The STA518 includes protection circuitry for over-current and thermal overload conditions. A
thermal warning pin (pin.28) is activated low (open drain MOSFET) when the IC
temperature exceeds 130°C, in advance of the thermal shutdown protection. When a fault
condition is detected , an internal fault signal acts to immediately disable the output power
MOSFETs, placing both H-Bridges in high impedance state. At the same time an open-drain
MOSFET connected to the fault pin (pin.27) is switched on.
There are two possible modes subsequent to activating a fault:
1.
SHUTDOWN mode: with FAULT (pull-up resistor) and TRI-STATE pins independent,
an activated fault will disable the device, signaling low at the FAULT output.
The device may subsequently be reset to normal operation by toggling the TRI-STATE
pin from High to Low to High using an external logic signal.
2.
AUTOMATIC recovery mode: This is shown in the Audio Application Circuit of Quad
single Ended). The FAULT and TRI-STATE pins are shorted together and connected to
a time constant circuit comprising R59 and C58.
An activated FAULT will force a reset on the TRI-STATE pin causing normal operation to
resume following a delay determined by the time constant of the circuit.
If the fault condition is still present , the circuit operation will continue repeating until the
fault condition is removed .
An increase in the time constant of the circuit will produce a longer recovery interval.
Care must be taken in the overall system design as not to exceed the protection
thesholds under normal operation.
4.2
Power outputs:
The STA518 power and output pins are duplicated to provide a low impedance path for the
device's bridged outputs. All duplicate power, ground and output pins must be connected for
proper operation.
The PWRDN or TRI-STATE pins should be used to set all MOSFETS to the Hi-Z state
during power-up until the logic power supply, VL , is settled.
4.3
Parallel output / high current operation:
When using DDX Mode output , the STA518 outputs can be connected in parallel in order to
increase the output current capability to a load. In this configuration the STA518 can provide
70W into 8 ohm.
This mode of operation is enabled with the CONFIG pin (pin.24) connected to VREG1 and
the inputs combined INLA=INLB, INRA=INRB and the outputs combined OUTLA=OTLB,
OUTRA=OUTRB.
4.4
Additional informations:
Output Filter: A passive 2nd-order passive filter is used on the STA518 power outputs to
reconstruct an analog Audio Signal . System performance can be significantly affected by
the output filter design and choice of passive components. A filter design for 6ohm/8ohm
loads is shown in the Typical Application circuit of Figure 9.
Quad Single ended circuit (Figure 1) shows a filter for ½ bridge mode, 4 ohm loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com