Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA518 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA518
Description  40V 3.5A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA518 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA518 Datasheet HTML 8Page - STMicroelectronics STA518 Datasheet HTML 9Page - STMicroelectronics STA518 Datasheet HTML 10Page - STMicroelectronics STA518 Datasheet HTML 11Page - STMicroelectronics STA518 Datasheet HTML 12Page - STMicroelectronics STA518 Datasheet HTML 13Page - STMicroelectronics STA518 Datasheet HTML 14Page - STMicroelectronics STA518 Datasheet HTML 15Page - STMicroelectronics STA518 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Technical information
STA518
12/19
4
Technical information
The STA518 is a dual channel H-Bridge that is able to deliver 50W per channel (@
THD=10% RL = 8Ω,
VCC = 29V) of audio output power in high efficiency.
The STA518 converts both DDX and binary-controlled PWM signals into audio power at the
load. It includes a logic interface , integrated bridge drivers, high efficiency MOSFET outputs
and thermal and short circuit protection circuitry.
In DDX mode, two logic level signals per channel are used to control high-speed MOSFET
switches to connect the speaker load to the input supply or to ground in a Bridge
configuration, according to the damped ternary Modulation operation.
In Binary Mode operation , both Full Bridge and Half Bridge Modes are supported. The
STA518 includes over-current and thermal protection as well as an under-voltage
Lockout with automatic recovery. A thermal warning status is also provided.
Figure 6.
STA518 Block Diagram Full-Bridge DDX® or Binary Modes
Figure 7.
STA518 Block Diagram Binary Half-Bridge Mode
4.1
Logic interface and decode:
The STA518 power outputs are controlled using one or two logic level timing signals. In
order to provide a proper logic interface, the Vbias input must operate at the dame voltage
as the DDX control logic supply.
Protection circuitry:
Logic I/F
and Decode
Left
H-Bridge
Protection
Circuitry
INL[1:2]
INR[1:2]
PWRDN
OUTPL
FAULT
VL
TRI-STATE
OUTNL
OUTPR
OUTNR
TWARN
Regulators
Right
H-Bridge
Logic I/F
and Decode
LeftA
‰-Bridge
Protection
Circuitry
INL[1:2]
INR[1:2]
PWRDN
OUTPL
FAULT
VL
TRI-STATE
OUTNL
OUTPR
OUTNR
TWARN
Regulators
RightA
‰-Bridge
LeftB
‰-Bridge
RightB
‰-Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com