Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA518 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA518
Description  40V 3.5A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA518 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA518 Datasheet HTML 11Page - STMicroelectronics STA518 Datasheet HTML 12Page - STMicroelectronics STA518 Datasheet HTML 13Page - STMicroelectronics STA518 Datasheet HTML 14Page - STMicroelectronics STA518 Datasheet HTML 15Page - STMicroelectronics STA518 Datasheet HTML 16Page - STMicroelectronics STA518 Datasheet HTML 17Page - STMicroelectronics STA518 Datasheet HTML 18Page - STMicroelectronics STA518 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Characterization curves
STA518
16/19
The following characterizations are obtained using the stereo full bridge configuration (Figure 8) with
STA308A controller.
The following characterizations are obtained using the single BTL configuration (Figure 9) with STA308A
controller.
Figure 18.
THD+N vs Output Power
Figure 15. Output Power vs Supply Voltage
Figure 16. THD+N vs Output Power
Figure 17. Power Dissipation vs Output Power
0
90
10
20
30
40
50
60
70
80
o(W)
+10
+36
+12
+14
+16
+18
+20
+22
+24
+26
+28
+30
+32
+34
Vsupply(V)
Rl=8ohm
F=1KHz
Stereo Full
BTL
THD=10%
THD=1%
Single
Parallel BTL
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
60
200m
500m
1
2
5
10
20
THD(%)
Pout(W)
Vcc=29V
Rl=8ohm
F=1KHz
Double BTL
0
2
4
6
8
10
12
0
1020
3040
50
Pd (W)
2 X Pout (W)
Vcc=29V
Rl=8ohm
F=1KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD(%)
100m
80
200m
500m
1
2
5
10
20
50
Pout(W)
Vcc=34V
Rl=8ohm
F=1KHz
Single BTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com