Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA518 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA518
Description  40V 3.5A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA518 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA518 Datasheet HTML 7Page - STMicroelectronics STA518 Datasheet HTML 8Page - STMicroelectronics STA518 Datasheet HTML 9Page - STMicroelectronics STA518 Datasheet HTML 10Page - STMicroelectronics STA518 Datasheet HTML 11Page - STMicroelectronics STA518 Datasheet HTML 12Page - STMicroelectronics STA518 Datasheet HTML 13Page - STMicroelectronics STA518 Datasheet HTML 14Page - STMicroelectronics STA518 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STA518
Electrical specifications
11/19
Figure 3.
Low current dead time for Single End application: test circuit.
Figure 4.
High current dead time for Bridge application: block diagram
Figure 5.
High current dead time for Bridge application: test circuit
Low current dead time = MAX(DTr,DTf)
OUTxY
Vcc
(3/4)Vcc
(1/2)Vcc
(1/4)Vcc
t
DTf
DTr
Duty cycle = 50%
INxY
OUTxY
gnd
+Vcc
M58
M57
R 8
Ω
+
-
V67 =
vdc = Vcc/2
D03AU1458
INxA
INxB
+VCC
Q1
Q3
Q2
Q4
OUTxA
GND
OUTxB
D00AU1134
High Current Dead time for Bridge application = ABS(DTout(A)-DTin(A))+ABS(DTOUT(B)-DTin(B))
+VCC
Rload=8
Ω
Q2
OUTB
DTout(B)
DTin(B)
DTout(A)
C71 470nF
C70
470nF
C69
470nF
Iout=4A
Iout=4A
Q4
Q1
Q3
M64
INB
M63
D03AU1517
M58
INA
M57
DTin(A)
Duty cycle=A
Duty cycle=B
Duty cycle A and B: Fixed to have DC output current of 4A in the direction shown in figure
L68 22
µ
L67 22
µ
OUTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com