Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA518 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA518
Description  40V 3.5A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA518 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA518 Datasheet HTML 10Page - STMicroelectronics STA518 Datasheet HTML 11Page - STMicroelectronics STA518 Datasheet HTML 12Page - STMicroelectronics STA518 Datasheet HTML 13Page - STMicroelectronics STA518 Datasheet HTML 14Page - STMicroelectronics STA518 Datasheet HTML 15Page - STMicroelectronics STA518 Datasheet HTML 16Page - STMicroelectronics STA518 Datasheet HTML 17Page - STMicroelectronics STA518 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Technical information
STA518
14/19
Figure 8.
Typical Stereo Full Bridge Configuration to Obtain 50+50W @ THD = 10%,
RL = 8Ω, VCC =29V
Figure 9.
Typical Single BTL Configuration to Obtain 70W @ THD 10%, RL = 8Ω,
VCC = 34V (note 1))
Note:
1
"A PWM modulator as driver is needed . In particular, this result is performed using the
STA308+STA518+STA50X demo board". Peak Power for t
≤1sec
L18 22
µH
L19 22
µH
C30
1
µF
C20
100nF
C99
100nF
C101
100nF
C107
100nF
C106
100nF
C23
470nF
C55
1000
µF
C21
100nF
C58
100nF
C58
100nF
R57
10K
R59
10K
R63
20
R98
6
R100
6
C53
100nF
C60
100nF
C31
1
µF
C52
330pF
R104
20
C109
330pF
15
M3
IN1A
IN1A
VL
CONFIG
PWRDN
PWRDN
FAULT
TRI-STATE
TH_WAR
TH_WAR
+3.3V
IN1B
VDD
VDD
VSS
VSS
VCCSIGN
VCCSIGN
GND-Reg
GND-Clean
IN2A
IN1B
IN2A
IN2B
PROTECTIONS
&
LOGIC
REGULATORS
29
23
24
25
27
26
28
30
21
22
33
34
35
36
M2
M5
M4
17
16
OUT1A
GND1A
OUT1A
VCC1A
14
12
10
11
OUT1B
GND1B
OUT1B
VCC1B
13
L113 22
µH
L112 22
µH
C32
1
µF
+VCC
C108
470nF
C33
1
µF
7
M17
M15
M16
M14
8
9
OUT2A
GND2A
OUT2A
VCC2A
6
4
2
3
OUT2B
GND2B
D00AU1148B
OUT2B
VCC2B
5
19
31
20
GNDSUB
1
IN2B
32
C110
100nF
C111
100nF
R103
6
R102
6
8
Ω
8
Ω
22
µH
22
µH
100nF
FILM
100nF
X7R
100nF
X7R
1
µF
X7R
2200
µF
63V
470nF
FILM
100nF
FILM
100nF
10K
10K
6.2
1/2W
6.2
1/2W
100nF
X7R
100nF
X7R
Add.
IN1A
IN1A
VL
CONFIG
PWRDN
nPWRDN
FAULT
TRI-STATE
TH_WAR
TH_WAR
+3.3V
100nF
100nF
X7R
IN1B
VDD
VDD
VSS
VSS
VCCSIGN
VCCSIGN
GND-Reg
GND-Clean
IN1B
IN2A
29
23
N.C.
24
25
27
26
28
30
21
22
33
34
35
36
17
16
18
OUT1A
GND1B
OUT1A
VCC1B
10
13
11
OUT1B
GND1A
OUT1B
14
32V
330pF
22
Ω
1/2W
8
Ω
GND2A
6
2
12
VCC1A
15
VCC2B
4
VCC2A
7
3
OUT2B
GND2B
D04AU1549
OUT2B
5
19
31
20
GNDSUB
1
IN2B
32
8
9
OUT2A
OUT2A
1
µF
X7R
32V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com