Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14C080 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14C080
Description  14-Bit, 65/80/95/105 MSPS A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14C080 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC14C080 Datasheet HTML 1Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 2Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 3Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 4Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 5Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 6Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 7Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 8Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
5V
IN+
Differential analog input pins. The differential full-scale input
signal level is 2V
P-P with each input pin signal centered on a
common mode voltage, V
CM.
6V
IN-
2V
RP
These pins should each be bypassed to AGND with a low ESL
(equivalent series inductance) 1 µF capacitor placed very close
to the pin to minimize stray inductance. A 0.1 µF capacitor
should be placed between V
RP and VRN as close to the pins as
possible, anda1µF capacitor should be placed in parallel.
V
RP and VRN should not be loaded. VCMO may be loaded to
1mA for use as a temperature stable 1.5V reference.
It is recommended to use V
CMO to provide the common mode
voltage, V
CM, for the differential analog inputs, VIN+ and VIN−.
32
V
CMO
1V
RN
31
V
REF
Reference Voltage. This device provides an internally
developed 1.2V reference. When using the internal reference,
V
REF should be decoupled to AGND with a 0.1 µF anda1µF
low equivalent series inductance (ESL) capacitor .
This pin may be driven with an external 1.2V reference voltage.
This pin should not be used to source or sink current.
DIGITAL I/O
11
CLK
The clock input pin.
The analog input is sampled on the rising edge of the clock
input.
12
OF/DCS
This is a four-state pin controlling the input clock mode and
output data format.
OF/DCS = V
A, output data format is 2’s complement without
duty cycle stabilization applied to the input clock
OF/DCS = AGND, output data format is offset binary, without
duty cycle stabilization applied to the input clock.
OF/DCS = (2/3)*V
A, output data is 2’s complement with duty
cycle stabilization applied to the input clock
OF/DCS = (1/3)*V
A, output data is offset binary with duty cycle
stabilization applied to the input clock.
30
PD
This is a two-state input controlling Power Down.
PD=V
A, Power Down is enabled and power dissipation is
reduced.
PD = AGND, Normal operation.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com