Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14C080 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14C080
Description  14-Bit, 65/80/95/105 MSPS A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14C080 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC14C080 Datasheet HTML 8Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 9Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 10Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 11Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 12Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 13Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 14Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 15Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ADC14C105 Converter Electrical Characteristics
This product is currently under development. As such, the parameters specified are DESIGN TARGETS. The specifica-
tions cannot be guaranteed until device characterization has taken place.
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, V
A = +3.3V, VDR = +2.5V, Internal VREF =
+1.2V, f
CLK = 105 MHz, VCM =VCMO,CL = 5 pF/pin. Typical values are for TA = 25˚C. Boldface limits apply for TMIN
≤ T
A
≤
T
MAX. All other limits apply for TA = 25˚C (Notes 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
14
Bits (min)
INL
Integral Non Linearity (Note 11)
±1.5
LSB (max)
LSB (min)
DNL
Differential Non Linearity
±0.5
LSB (max)
LSB (min)
Under Range Output Code
0
0
Over Range Output Code
16383
16383
REFERENCE AND ANALOG INPUT CHARACTERISTICS
V
CMO
Common Mode Output Voltage
1.5
1.45
1.55
V (min)
V (max)
V
CM
Analog Input Common Mode
Voltage
1.5
1.4
1.6
V (min)
V (max)
C
IN
V
IN Input Capacitance (each pin to
GND) (Note 12)
V
IN = 1.5 Vdc
± 0.5 V
(CLK LOW)
8.5
pF
(CLK HIGH)
3.5
pF
V
REF
External Reference Voltage
1.20
1.176
1.224
V (min)
V (max)
ADC14C105 Dynamic Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, V
A = +3.3V, VDR = +2.5V, Internal VREF
= +1.2V, f
CLK = 105 MHz, VCM =VCMO,CL = 5 pF/pin, . Typical values are for TA = 25˚C. Boldface limits apply for TMIN
≤ T
A
≤ T
MAX. All other limits apply for TA = 25˚C (Note 8) (Note 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
Units
(Limits)
DYNAMIC CONVERTER CHARACTERISTICS, A
IN = -1dBFS
FPBW
Full Power Bandwidth
-1 dBFS Input, −3 dB Corner
1.0
GHz
SNR
Signal-to-Noise Ratio
f
IN = 10 MHz
73
dBFS
f
IN = 70 MHz
72.5
dBFS
f
IN = 240 MHz
72
dBFS
SFDR
Spurious Free Dynamic Range
f
IN = 10 MHz
88
dBFS
f
IN = 70 MHz
85
dBFS
f
IN = 240 MHz
83
dBFS
ENOB
Effective Number of Bits
f
IN = 10 MHz
11.8
Bits
f
IN = 70 MHz
11.7
Bits
f
IN = 240 MHz
11.6
Bits
THD
Total Harmonic Disortion
f
IN = 10 MHz
−86
dBFS
f
IN = 70 MHz
−85
dBFS
f
IN = 240 MHz
−80
dBFS
H2
Second Harmonic Distortion
f
IN = 10 MHz
−95
dBFS
f
IN = 70 MHz
−90
dBFS
f
IN = 240 MHz
−85
dBFS
H3
Third Harmonic Distortion
f
IN = 10 MHz
−88
dBFS
f
IN = 70 MHz
−85
dBFS
f
IN = 240 MHz
−83
dBFS
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com