Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14C080 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14C080
Description  14-Bit, 65/80/95/105 MSPS A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14C080 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC14C080 Datasheet HTML 3Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 4Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 5Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 6Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 7Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 8Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 9Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 10Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ADC14C065 Logic and Power Supply Electrical Characteristics (Continued)
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, V
A = +3.0V, VDR = +2.5V, Internal VREF
= +1.2V, f
CLK = 65 MHz, VCM =VCMO,CL = 5 pF/pin. Typical values are for TA = 25˚C. Boldface limits apply for TMIN
≤ T
A
≤
T
MAX. All other limits apply for TA = 25˚C (Notes 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
Units
(Limits)
Power Consumption
Excludes I
DR (Note 13)
270
mW (max)
Power Down Power Consumption
Clock disabled
5
mW
ADC14C065 Timing and AC Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, V
A = +3.0V, VDR = +2.5V, Internal VREF
= +1.2V, f
CLK = 65 MHz, VCM =VCMO,CL = 5 pF/pin. Typical values are for TA = 25˚C. Timing measurements are taken at
50% of the signal amplitude. Boldface limits apply for T
MIN
≤ T
A
≤ T
MAX. All other limits apply for TA = 25˚C (Notes 8, 9)
Symb
Parameter
Conditions
Typical
(Note 10)
Limits
Units
(Limits)
Maximum Clock Frequency
65
MHz (max)
Minimum Clock Frequency
20
MHz (min)
t
CH
Clock High Time
7
ns
t
CL
Clock Low Time
7
ns
t
CONV
Conversion Latency
7
Clock
Cycles
t
OD
Output Delay of CLK to DATA
Relative to rising edge of CLK
4
2
6
ns (min)
ns(max)
t
SU
Data Output Setup Time
Relative to DRDY
6
ns (min)
t
H
Data Output Hold Time
Relative to DRDY
6
ns (min)
t
AD
Aperture Delay
0.6
ns
t
AJ
Aperture Jitter
0.1
ps rms
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com