Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14C080 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14C080
Description  14-Bit, 65/80/95/105 MSPS A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14C080 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC14C080 Datasheet HTML 1Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 2Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 3Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 4Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 5Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 6Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 7Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 8Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin No.
Symbol
Equivalent Circuit
Description
13-19,
23-29
D0–D13
Digital data output pins that make up the 14-bit conversion
result. D0 (pin 13) is the LSB, while D13 (pin 29) is the MSB of
the output word. Output levels are CMOS compatible.
21
DRDY
Data Ready Strobe. The data output transition is synchronized
with the falling edge of this signal. This signal switches at the
same frequency as the CLK input.
ANALOG POWER
3, 8, 10,
V
A
Positive analog supply pins. These pins should be connected
to a quiet voltage source and be bypassed to AGND with 0.1
µF capacitors located close to the power pins.
4, 7, 9,
Exposed
Pad
AGND
The ground return for the analog supply.
DIGITAL POWER
20
V
DR
Positive driver supply pin for the output drivers. This pin should
be connected to a quiet voltage source and be bypassed to
DRGND with a 0.1 µF capacitor located close to the power pin.
22
DRGND
The ground return for the digital output driver supply. This pins
should be connected to the system digital ground, but not be
connected in close proximity to the ADC’s AGND pins.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com