Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14C080 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14C080
Description  14-Bit, 65/80/95/105 MSPS A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14C080 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC14C080 Datasheet HTML 1Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 2Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 3Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 4Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 5Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 6Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 7Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 8Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ADC14C065/ADC14C080/ADC14C095/ADC14C105
14-Bit, 65/80/95/105 MSPS A/D Converter
General Description
NOTE: This is Advance Information for products cur-
rently in development. ALL specifications are design
targets and are subject to change.
The
ADC14C065,
ADC14C080,
ADC14C095,
and
ADC14105 are high-performance CMOS analog-to-digital
converters capable of converting analog input signals into
14-bit digital words at rates up to 65/80/95/105 Mega
Samples Per Second (MSPS) respectively. These convert-
ers use a differential, pipelined architecture with digital error
correction and an on-chip sample-and-hold circuit to mini-
mize power consumption and the external component count,
while providing excellent dynamic performance. A unique
sample-and-hold stage yields a full-power bandwidth of 1
GHz. The ADC14C065/080/095/105 may be operated from a
single +3.3V power supply and consumes low power.
A separate +2.5V supply may be used for the digital output
interface which allows lower power operation with reduced
noise. A power-down feature reduces the power consump-
tion to very low levels while still allowing fast wake-up time to
full operation. The differential inputs provide a 2V full scale
differential input swing. A stable 1.2V internal voltage refer-
ence is provided, or the ADC14C065/080/095/105 can be
operated with an external 1.2V reference. Output data for-
mat (offset binary versus 2’s complement) and duty cycle
stabilizer are pin-selectable. The duty cycle stabilizer main-
tains performance over a wide range of clock duty cycles.
The ADC14C065/080/095/105 is available in a 32-lead LLP
package and operates over the industrial temperature range
of −40˚C to +85˚C.
Features
n
1 GHz Full Power Bandwidth
n
Internal sample-and-hold circuit
n
Low power consumption
n
Internal precision reference
n
Data Ready output clock
n
Clock Duty Cycle Stabilizer
n
Single +3.3V supply operation
n
Power-down mode
n
Offset binary or 2’s complement output data format
n
32-pin LLP package, (5x5x0.8mm, 0.5mm pin-pitch)
Key Specifications
n
For ADC14C105
n
Resolution
14 Bits
n
Conversion Rate
105 MSPS
n
SNR (f
IN = 240 MHz)
72 dBFS (typ)
n
SFDR (f
IN = 240 MHz)
83 dBFS (typ)
n
Full Power Bandwidth
1 GHz (typ)
n
Power Consumption
400 mW (typ)
Applications
n
High IF Sampling Receivers
n
Wireless Base Station Receivers
n
Test and Measurement Equipment
n
Communications Instrumentation
n
Portable Instrumentation
Connection Diagram
20209801
ADVANCE INFORMATION
September 2006
© 2006 National Semiconductor Corporation
DS202098
www.national.com


Similar Part No. - ADC14C080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC14C080 TI1-ADC14C080 Datasheet
1Mb / 30P
14-Bit, 65/80 MSPS A/D Converter
ADC14C080 TI1-ADC14C080 Datasheet
1Mb / 31P
65/80 MSPS A/D Converter
ADC14C080 TI2-ADC14C080 Datasheet
885Kb / 32P
ADC14C080 14-Bit, 65/80 MSPS A/D Converter
REVISED APRIL 2013
ADC14C080 TI2-ADC14C080 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
ADC14C080CISQE/NO.A TI2-ADC14C080CISQE/NO.A Datasheet
885Kb / 32P
ADC14C080 14-Bit, 65/80 MSPS A/D Converter
REVISED APRIL 2013
More results

Similar Description - ADC14C080

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
National Semiconductor ...
ADC14C105 NSC-ADC14C105_07 Datasheet
453Kb / 24P
14-Bit, 95/105 MSPS A/D Converter
logo
Analog Devices
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
14-Bit, 65/80 MSPS A/D Converter
ADC14C105 TI1-ADC14C105_14 Datasheet
1Mb / 30P
14-Bit, 95/105 MSPS A/D Converter
logo
Analog Devices
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com