Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14C080 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14C080
Description  14-Bit, 65/80/95/105 MSPS A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14C080 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC14C080 Datasheet HTML 9Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 10Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 11Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 12Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 13Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 14Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 15Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 16Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ADC14C105 Timing and AC Characteristics (Continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
guaranteed to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the
listed test conditions. Operation of the device beyond the maximum Operating Ratings is not recommended.
Note 2: Parameters specified in dBFS indicate the value that would be attained with a full-scale input signal.
Note 3: All voltages are measured with respect to GND = AGND = DRGND = 0V, unless otherwise specified.
Note 4: When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be limited to ±5 mA. The
±50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of ±5mA to10.
Note 5: The maximum allowable power dissipation is dictated by TJ,max, the junction-to-ambient thermal resistance, (θJA), and the ambient temperature, (TA), and
can be calculated using the formula PD,max =(TJ,max -TA )/θJA. The values for maximum power dissipation listed above will be reached only when the device is
operated in a severe fault condition (e.g. when input or output pins are driven beyond the power supply voltages, or the power supply polarity is reversed). Such
conditions should always be avoided.
Note 6: Human Body Model is 100 pF discharged through a 1.5 k
Ω resistor. Machine Model is 220 pF discharged through 0 Ω
Note 7: Reflow temperature profiles are different for lead-free and non-lead-free packages.
Note 8: The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided current is limited per
(Note 4). However, errors in the A/D conversion can occur if the input goes above 2.6V or below GND as described in the Operating Ratings section.
20209811
Note 9: With a full scale differential input of 2VP-P , the 14-bit LSB is 122.1 µV.
Note 10: Typical figures are at TA = 25˚C and represent most likely parametric norms at the time of product characterization. The typical specifications are not
guaranteed.
Note 11: Integral Non Linearity is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes through positive and negative
full-scale.
Note 12: The input capacitance is the sum of the package/pin capacitance and the sample and hold circuit capacitance.
Note 13: IDR is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins, the supply voltage,
VDR, and the rate at which the outputs are switching (which is signal dependent). IDR=VDR(C0 xf0 +C1 xf1 +....C11 xf11) where VDR is the output driver power supply
voltage, Cn is total capacitance on the output pin, and fn is the average frequency at which that pin is toggling.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com