Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 22 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 18Page - Texas Instruments ADC3908CSSS Datasheet HTML 19Page - Texas Instruments ADC3908CSSS Datasheet HTML 20Page - Texas Instruments ADC3908CSSS Datasheet HTML 21Page - Texas Instruments ADC3908CSSS Datasheet HTML 22Page - Texas Instruments ADC3908CSSS Datasheet HTML 23Page - Texas Instruments ADC3908CSSS Datasheet HTML 24Page - Texas Instruments ADC3908CSSS Datasheet HTML 25Page - Texas Instruments ADC3908CSSS Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 131 page
background image
5.13 Typical Characteristics - 65MSPS
Typical values at TA = 25 °C, ADC sampling rate = 65 MSPS, AIN = –1 dBFS, differential input, AVDD = IOVDD = 1.8 V,
internal 1.2 V voltage reference, unless otherwise noted.
Input Frequency (MHz)
0
5
10
15
20
25
30 32.5
-120
-100
-80
-60
-40
-20
0
SNR = 61.0 dBFS, SFDR = 64 dBc, Non-HD23 = 88 dBFS
Figure 5-24. Single Tone FFT at FIN = 1 MHz
Input Frequency (MHz)
0
5
10
15
20
25
30 32.5
-120
-100
-80
-60
-40
-20
0
SNR = 58.3 dBFS, SFDR = 57 dBc, Non-HD23 = 76 dBFS
Figure 5-25. Single Tone FFT at FIN = 1 MHz, Single-ended input
Input Frequency (MHz)
0
5
10
15
20
25
30 32.5
-120
-100
-80
-60
-40
-20
0
SNR = 61.0 dBFS, SFDR = 66 dBc, Non-HD23 = 85 dBFS
Figure 5-26. Single Tone FFT at FIN = 10 MHz
Input Frequency (MHz)
0
5
10
15
20
25
30 32.5
-120
-100
-80
-60
-40
-20
0
SNR = 61.3 dBFS, SFDR = 64 dBc, Non-HD23 = 84 dBFS
Figure 5-27. Single Tone FFT at FIN = 10 MHz, AIN = -20 dBFS
Input Frequency (MHz)
0
5
10
15
20
25
30 32.5
-120
-100
-80
-60
-40
-20
0
SNR = 60.9 dBFS, SFDR = 64 dBc, Non-HD23 = 79 dBFS
Figure 5-28. Single Tone FFT at FIN = 40 MHz
Input Frequency (MHz)
0
5
10
15
20
25
30 32.5
-120
-100
-80
-60
-40
-20
0
AIN = -7dBFS/tone, IMD3 = -94 dBc
Figure 5-29. Two Tone FFT at FIN = 10/12 MHz
ADC3910D125
SBASAD1 – DECEMBER 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com