Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 74 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 74 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 70Page - Texas Instruments ADC3908CSSS Datasheet HTML 71Page - Texas Instruments ADC3908CSSS Datasheet HTML 72Page - Texas Instruments ADC3908CSSS Datasheet HTML 73Page - Texas Instruments ADC3908CSSS Datasheet HTML 74Page - Texas Instruments ADC3908CSSS Datasheet HTML 75Page - Texas Instruments ADC3908CSSS Datasheet HTML 76Page - Texas Instruments ADC3908CSSS Datasheet HTML 77Page - Texas Instruments ADC3908CSSS Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 131 page
background image
6.6.1.70 COMP_DDC_DATA_SEL Register (Address = 203h) [Reset = 21h]
Return to the Summary Table.
Table 6-76. COMP_DDC_DATA_SEL Register Field Descriptions
Bit
Field
Type
Reset
Description
5:3
COMP_DATA_SEL_CHB
R/W
1h
Data select for channel B comparator
000b = Channel A digital downconverter
001b = ADC channel B (default)
100b = Average of channel A and channel B data
101b = Channel A correction block
110b = Channel B correction block
2:0
DDC_DATA_SEL_CHB
R/W
1h
Data select for channel B decimation
000b = ADC channel A
001b = ADC channel B (default)
6.6.1.71 OUTPUT_STATS_DATA_SEL Register (Address = 204h) [Reset = 21h]
Return to the Summary Table.
Table 6-77. OUTPUT_STATS_DATA_SEL Register Field Descriptions
Bit
Field
Type
Reset
Description
5:3
OUTPUT_DATA_SEL_CH
B
R/W
1h
Data select for channel B output
000b = Channel A digital downconverter
001b = ADC channel B (default)
100b = Average of channel A and channel B data
101b = Channel A correction block
110b = Channel B correction block
2:0
STATS_DATA_SEL_CHB
R/W
1h
Data select for channel B statistics engine
000b = Channel A digital downconverter
001b = ADC channel B (default)
100b = Average of channel A and channel B data
101b = Channel A correction block
110b = Channel B correction block
6.6.1.72 OVR_CHB Register (Address = 205h) [Reset = F0h]
Return to the Summary Table.
Table 6-78. OVR_CHB Register Field Descriptions
Bit
Field
Type
Reset
Description
6:3
OVR_CHB
R/W
Fh
Channel B overrange control. This register is a mask with all
sources enabled by default. Bit 0: Truncation overrange Bit 1:
Channel Correction overrange Bit 2: Decimation overrange Bit 3:
ADC overrange
2:0
RESERVED
R
0h
6.6.1.73 OVR_CHA Register (Address = 206h) [Reset = Fh]
Return to the Summary Table.
Table 6-79. OVR_CHA Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
OVR_CHA
R
Fh
Channel A overrange control. This register is a mask with all
sources enabled by default. Bit 0: Truncation overrange Bit 1:
Channel Correction overrange Bit 2: Decimation overrange Bit 3:
ADC overrange
ADC3910D125
SBASAD1 – DECEMBER 2023
www.ti.com
74
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com