Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 82 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 82 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 78Page - Texas Instruments ADC3908CSSS Datasheet HTML 79Page - Texas Instruments ADC3908CSSS Datasheet HTML 80Page - Texas Instruments ADC3908CSSS Datasheet HTML 81Page - Texas Instruments ADC3908CSSS Datasheet HTML 82Page - Texas Instruments ADC3908CSSS Datasheet HTML 83Page - Texas Instruments ADC3908CSSS Datasheet HTML 84Page - Texas Instruments ADC3908CSSS Datasheet HTML 85Page - Texas Instruments ADC3908CSSS Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 131 page
background image
Table 6-90. Statistics Engine Registers (continued)
Address
Register Name
183h
STATS_SUM_POW_N3_CHA_31:24
184h
STATS_SUM_POW_N3_CHA_39:32
188h
STATS_SUM_POW_N3_CHB_7:0
189h
STATS_SUM_POW_N3_CHB_15:8
18Ah
STATS_SUM_POW_N3_CHB_23:16
18Bh
STATS_SUM_POW_N3_CHB_31:24
18Ch
STATS_SUM_POW_N3_CHB_39:32
18Eh
STATS_MAX_N3_CHA_7:0
18Fh
STATS_MAX_N3_CHA_11:8
190h
STATS_MAX_N3_CHB_7:0
191h
STATS_MAX_N3_CHB_11:8
192h
STATS_MIN_N3_CHA_7:0
193h
STATS_MIN_N3_CHA_11:8
194h
STATS_MIN_N3_CHB_7:0
195h
STATS_MIN_N3_CHB_11:8
198h
STATS_THRESHOLD_HI_CHA_7:0
199h
STATS_THRESHOLD_HI_CHA_11:8
19Ah
STATS_THRESHOLD_HI_CHB_7:0
19Bh
STATS_THRESHOLD_HI_CHB_11:8
19Ch
STATS_THRESHOLD_LO_CHA_7:0
19Dh
STATS_THRESHOLD_LO_CHA_11:8
19Eh
STATS_THRESHOLD_LO_CHB_7:0
19Fh
STATS_THRESHOLD_LO_CHB_11:8
1A0h
STATS_WINDOW_SIZE_CHA_7:0
1A1h
STATS_WINDOW_SIZE_CHA_15:8
1A2h
STATS_WINDOW_SIZE_CHB_7:0
1A3h
STATS_WINDOW_SIZE_CHB_15:8
1A4h
STATS_ENABLE
Table 6-91. DeviceStats Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
6.6.2.1 0x0E4 Register (Address = E4h) [Reset = 00h]
Return to the Summary Table.
ADC3910D125
SBASAD1 – DECEMBER 2023
www.ti.com
82
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com