Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 43 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 43 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 39Page - Texas Instruments ADC3908CSSS Datasheet HTML 40Page - Texas Instruments ADC3908CSSS Datasheet HTML 41Page - Texas Instruments ADC3908CSSS Datasheet HTML 42Page - Texas Instruments ADC3908CSSS Datasheet HTML 43Page - Texas Instruments ADC3908CSSS Datasheet HTML 44Page - Texas Instruments ADC3908CSSS Datasheet HTML 45Page - Texas Instruments ADC3908CSSS Datasheet HTML 46Page - Texas Instruments ADC3908CSSS Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 131 page
background image
6.3.6.2 Digital Comparator
The ADC3910Dx and ADC3910Sx has two internal digital comparators. The digital comparator controls the
output ALERT pin buffer. ALERT pin can be configured as open-drain or push-pull using the ALERT_OD (0x090)
register. Figure 6-24 shows the block diagram for the digital comparator.
CHA 10-bit data/DDC data
High threshold
- Hysteresis
Low threshold
+ Hysteresis
ALERT
CHB 10-bit data/DDC data
DWC0 DATA
SEL[2:0]
DWC0
CONFIG
SEL[0]
ALERT_FLAG
Event
Counter
EVENT_FLAG
Window Size [15:0]
ALERT_CFG
EVENT_CFG
Figure 6-24. Digital Comparator Block Diagram
6.3.6.2.1 Comparator Data Select
Each digital comparator has the capability of selecting either channel with or without decimation data via SPI
write (0x201, 0x203).
Comparator
B
Comparator
A
ALERT
ADC A
ADC B
N
N
Channel
Correction
Channel
Correction
Figure 6-25. Comparator multiplexer
6.3.6.2.2 Comparator High and Low Threshold
The
digital
comparator
high-side
threshold,
low-side
threshold
and
hysteresis
(optional)
parameters are independently programmed for each digital comparator (COMP_THRESHOLD_HI_CHx,
COMP_THRESHOLD_LO_CHx, COMP_HYSTERESIS_CHx) via SPI write to registers 0x0C8-0x0D3.
6.3.6.2.3 Comparator Configuration Compare Mode
The digital comparator can be configured to either standard compare or slew compare via SPI write SLEW_CHx
(0x0D3).
Standard Compare level based:
• COMP_THRESHOLD_HI_CHx - COMP_HYSTERESIS_CHx
• COMP_THRESHOLD_LO_CHx + COMP_HYSTERESIS_CHx
Slew Compare to detect based on difference between subsequent samples:
• Current sample - Previous sample > COMP_THRESHOLD_HI_CHx
• Current sample - Previous sample < COMP_THRESHOLD_LO_CHx
www.ti.com
ADC3910D125
SBASAD1 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com