Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 30 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 26Page - Texas Instruments ADC3908CSSS Datasheet HTML 27Page - Texas Instruments ADC3908CSSS Datasheet HTML 28Page - Texas Instruments ADC3908CSSS Datasheet HTML 29Page - Texas Instruments ADC3908CSSS Datasheet HTML 30Page - Texas Instruments ADC3908CSSS Datasheet HTML 31Page - Texas Instruments ADC3908CSSS Datasheet HTML 32Page - Texas Instruments ADC3908CSSS Datasheet HTML 33Page - Texas Instruments ADC3908CSSS Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 131 page
background image
6 Detailed Description
6.1 Overview
The ADC3910Dx and ADC3910Sx are a family of ultra-low power 10-bit high-speed dual and single channel
analog-to-digital converters supporting sampling rates up to 125 MSPS. With the inherent low latency
architecture, the digital output result is available after only one clock cycle in low latency mode. The ADC3910Dx
and ADC3910Sx has buffered analog inputs which eases design by isolating the input from the ADC sampling
operation and supports single ended or differential input signaling. The ADC3910Dx and ADC3910Sx are
equipped with an on-chip internal reference buffer but also supports use of an external, high precision 1.2 V
voltage reference.
The ADC3910Dx and ADC3910Sx also offers several digital features such as:
• Digital down converters that enables external anti-alias filter relaxation as well as output data rate reduction.
The digital filter supports only real decimation.
• Digital comparators with a dedicated alert pin that can be used to interrupt the host when a programmed high
or low threshold is crossed on any input channel.
• Statistics engine that provides min, max, sum, sum of samples squared, and threshold triggered counter, that
will give additional sample details.
The CMOS output data interface can be configured in parallel or serial with the option of 1.8 V to 3.3 V logic.
The device supports DDR, SDR and Serial CMOS modes with 2s Complement or Offset Binary format options.
The ADC3910Dx and ADC3910Sx offers DCLK as an alternate solution for designs that can not capture on the
DCLK falling edge when using DDR interface.
Table 6-1 shows the pin mapping to supply.
Table 6-1. Device Pin to Supply Mapping
Power Supply
Device Pins
AVDD
OEN, DCLKIN, CLK, INxP|M, RESET, SDIO, SCLK, SEN
IOVDD
D0-D11, DCLK, DCLK|FCLK, ALERT
6.2 Functional Block Diagram
REF
ADC
ADC
Digital Comparator
RESET
AVDD
ALERT/GPO
IOVDD
CLK
GND
INAP
INAM
INBP
INBM
VCM
VREF
High/Low Threshold
± Hysteresis
Flexible
Data
Interface
Control
Interface
DDC
OE
DCLKIN
DCLK
DCLK/FCLK
D11-D0
SEN
SCLK
SDIO
N
Statistics
Engine
N
ADC3910D125
SBASAD1 – DECEMBER 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com