Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 53 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 53 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 49Page - Texas Instruments ADC3908CSSS Datasheet HTML 50Page - Texas Instruments ADC3908CSSS Datasheet HTML 51Page - Texas Instruments ADC3908CSSS Datasheet HTML 52Page - Texas Instruments ADC3908CSSS Datasheet HTML 53Page - Texas Instruments ADC3908CSSS Datasheet HTML 54Page - Texas Instruments ADC3908CSSS Datasheet HTML 55Page - Texas Instruments ADC3908CSSS Datasheet HTML 56Page - Texas Instruments ADC3908CSSS Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 131 page
background image
Table 6-5. DEVICE Registers (continued)
Address
Register Name
B6h
ROUND
C8h
COMP_THRESHOLD_HI_CHA_7:0
C9h
COMP_THRESHOLD_HI_CHA_11:8
CAh
COMP_THRESHOLD_HI_CHB_7:0
CBh
COMP_THRESHOLD_HI_CHB_11:8
CCh
COMP_THRESHOLD_LO_CHA_7:0
CDh
COMP_THRESHOLD_LO_CHA_11:8
CEh
COMP_THRESHOLD_LO_CHB_7:0
CFh
COMP_THRESHOLD_LO_CHB_11:8
D0h
COMP_HYSTERESIS_CHA_7:0
D1h
COMP_HYSTERESIS_CHA_11:8
D2h
COMP_HYSTERISIS_CHB_7:0
D3h
COMP_HYSTERISIS_CHB_11:8
D3h
COMP_SLEW
D4h
DECIMATION
D5h
PROG_GAIN_CHA
D6h
PROG_GAIN_CHB
D8h
IL_GAIN_CHA_7:0
D9h
IL_GAIN_CHA_15:8
DAh
IL_GAIN_CHB_7:0
DBh
IL_GAIN_CHB_15:8
DCh
OFFSET_CHA_7:0
DDh
OFFSET_CHA_15:8
DEh
OFFSET_CHB_7:0
DFh
OFFSET_CHB_15:8
E0h
CH_CORR_EN
200h
DDC_CFG_1
201h
STATS_COMP_DATA_SEL
202h
OUTPUT_DATA_SEL
203h
COMP_DDC_DATA_SEL
204h
OUTPUT_STATS_DATA_SEL
205h
OVR_CHB
206h
OVR_CHA
304h
CLK_TIM_ADJ_CHA
305h
CLK_TIM_ADJ_CHB
306h
DCLK_DLL_PD
307h
DIG_INPUT_CFG
309h
BUF_VCM_CURR
30Ah
BUF_CURR
30Bh
DEV_CFG_4
484h
GBL_CLK_CFG_1
4BEh
GBL_CLK_CFG_2
4BFh
GBL_CLK_CFG_3
www.ti.com
ADC3910D125
SBASAD1 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com