Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3316 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCD3316
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCD3316 Datasheet HTML 1Page - NXP Semiconductors PCD3316 Datasheet HTML 2Page - NXP Semiconductors PCD3316 Datasheet HTML 3Page - NXP Semiconductors PCD3316 Datasheet HTML 4Page - NXP Semiconductors PCD3316 Datasheet HTML 5Page - NXP Semiconductors PCD3316 Datasheet HTML 6Page - NXP Semiconductors PCD3316 Datasheet HTML 7Page - NXP Semiconductors PCD3316 Datasheet HTML 8Page - NXP Semiconductors PCD3316 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PCD3316
Caller-ID on Call Waiting (CIDCW) receiver
11 March 1999
Product specification
c
c
1.
General description
The PCD3316 is a low power mixed signal CMOS integrated circuit for receiving
physical layer signals like Bellcore’s ‘CPE1 Alerting Signal (CAS)’ and the signals
used in similar services. The device is capable of a very high precision detection of
the dual tone (2130 and 2750 Hz) by using a patented digital algorithm. The
PCD3316 can be used for on-hook and off-hook Caller-ID (CID), Caller-ID on Call
Waiting (CIDCW) and Caller-Name (CNAM) applications.
For timing purposes the PCD3316 can be programmed to generate an interrupt
signal to the microcontroller every second or every minute. These timings are derived
from an on-chip 32.768 kHz oscillator.
Also incorporated in the device are a Frequency Shift Keying (FSK)
receiver/demodulator and a ‘Ring or polarity change detector’. The status of the
PCD3316, the received FSK data bytes and the ringer period can be read and many
options can be selected via the I2C-bus serial interface. Two on-chip oscillators are
available. One 3.58 MHz oscillator for all internal functions and a low frequency
32.768 kHz oscillator for the 1 second or 1 minute timing.
In Power-down mode only the polarity comparators and the 32.768 kHz oscillator are
active. The CAS detection, the FSK receiver and the 3.58 MHz oscillator can be
enabled separately. Detection of a polarity change on the inputs POL0 or POL1, the
reception of an FSK data byte, the detection of a CAS tone or a timebase interrupt is
signalled to the microcontroller by an interrupt request signal (IRQ). The
microcontroller can communicate with the PCD3316 device via the serial interface.
The PCD3316 is designed for use in a microcontroller controlled system. The device
is available in a SO16 package.
A demonstration board OM5843 and an application note
AN98071 are available.
1.
CPE = Customer Premises Equipment.


Similar Part No. - PCD3316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3310 PHILIPS-PCD3310 Datasheet
145Kb / 28P
Pulse and DTMF diallers with redial
1996 Nov 21
PCD3310A PHILIPS-PCD3310A Datasheet
145Kb / 28P
Pulse and DTMF diallers with redial
1996 Nov 21
PCD3310AP PHILIPS-PCD3310AP Datasheet
145Kb / 28P
Pulse and DTMF diallers with redial
1996 Nov 21
PCD3310AT PHILIPS-PCD3310AT Datasheet
145Kb / 28P
Pulse and DTMF diallers with redial
1996 Nov 21
PCD3310P PHILIPS-PCD3310P Datasheet
145Kb / 28P
Pulse and DTMF diallers with redial
1996 Nov 21
More results

Similar Description - PCD3316

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8222A NPC-SM8222A Datasheet
112Kb / 15P
Caller ID Service IC with Call Waiting
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
ELAN Microelectronics C...
AG8888 EMC-AG8888 Datasheet
65Kb / 7P
CALL WAITING DECODER
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
CALL WAITING DECODER
EM92547A EMC-EM92547A Datasheet
136Kb / 13P
CALLER ID FSK DECODER
logo
Integrated Device Techn...
NW6005 IDT-NW6005 Datasheet
282Kb / 20P
ENHANCED TYPE II CALLER ID DECODER
logo
Holtek Semiconductor In...
HT95168 HOLTEK-HT95168 Datasheet
182Kb / 13P
Caller ID Telephone IC
March 22, 2004
logo
Integrated Device Techn...
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
TYPE II CALLER ID DECODER
logo
CML Microcircuits
CMX602A CMLMICRO-CMX602A Datasheet
669Kb / 25P
Calling Line Identifier plus Call Waiting (Type II)
logo
Integrated Device Techn...
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
ENHANCED TYPE II CALLER ID DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com