Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3316 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCD3316
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCD3316 Datasheet HTML 16Page - NXP Semiconductors PCD3316 Datasheet HTML 17Page - NXP Semiconductors PCD3316 Datasheet HTML 18Page - NXP Semiconductors PCD3316 Datasheet HTML 19Page - NXP Semiconductors PCD3316 Datasheet HTML 20Page - NXP Semiconductors PCD3316 Datasheet HTML 21Page - NXP Semiconductors PCD3316 Datasheet HTML 22Page - NXP Semiconductors PCD3316 Datasheet HTML 23Page - NXP Semiconductors PCD3316 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Philips Semiconductors
PCD3316
CIDCW receiver
Product specification
11 March 1999
20 of 30
9397 750 04824
© Philips Electronics N.V. 1999. All rights reserved.
[1]
Except for FSK and CAS detection, all circuitry works already when VDD >VPOR(H). Since the I2C-bus interface will work (starts to
acknowledge), the application can start reading the LOW-BAT Indication bit (Status register, bit 5) to check whether the supply voltage
has reached the operating voltage level. A voltage divider network can be connected to pins VDD, LOWBAT and AGND/DGND such that
VLOWBAT =Vref if VDD =VDD(min).
[2]
The power-on reset LOW level is defined as VPOR(L) =VPOR(H) − Vhys(POR). By design VPOR(L) is always lower than VPOR(H).
[3]
32 kHz oscillator on (MIN Interrupt, SEC Interrupt, Polarity change, Low battery and Level detect available).
[4]
3.58 MHz oscillator on (device fully operational).
[5]
GND < VI <VDD. The leakage currents are generally very small, <1 nA. The value given here, 1 µA, is a maximum that can occur after
an Electrostatic Stress on the pin.
[6]
When FSK is selected the signal power is measured between 1000 and 2200 Hz. When CAS is selected signal levels are measured
between 2000 and 2800 Hz.
[7]
The IRQ pin is implemented as a 3-state pin which is only active (either HIGH or LOW) when an interrupt occurs. A pull-up or pull-down
has to be connected to define the line when no interrupt is generated.
[8]
Verified on sampling basis.
[9]
According to Bellcore specification: near end speech level
≤−7 dBm ASL (ASL = Active Speech Level), referenced to 600 Ω, according
to method B of recommendation P.56.
[10] Pins SCL and SDA are equipped with an open-drain output buffer. The pins have no clamp diode to VDD.
[11] The input threshold voltage of SCL and SDA meet the I2C-bus specification. Therefore, an input voltage below 0.3VDD will be recognized
as a logic 0 and an input voltage above 0.7VDD will be recognized as a logic 1
[12] Maximum capacitive load for each bus line is 400 pF.
[13] C1i and C2i are the total internal capacitances (including gate capacitance and leadframe capacitance).
3.58 MHz oscillator (pins HXIN and HXOUT)
VHXIN(p-p)
external clock signal amplitude
(peak-to-peak value) on pin HXIN
0.5
−
VDD
V
Zi(HXIN)
input impedance on pin HXIN
300
1000
−
k
Ω
C1i; C2i
input capacitance on pins HXIN and
HXOUT [13]
−
10
−
pF
32 kHz oscillator (pins LXIN and LXOUT)
gm
transconductance
Vi(p-p) <50mV
2
4
10
µS
Ci(LXIN)
LXIN input capacitance
−
13
−
pF
Co(LXOUT)
LXOUT output capacitance
−
10
−
pF
Table 18: Characteristics…continued
VDD = 2.5 to 3.6 V; Tamb = −25 to +70 °C; HXIN = 3.579545 MHz ±0.05%; LXIN = 32.768 kHz ±0.1%; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com