Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3316 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCD3316
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCD3316 Datasheet HTML 1Page - NXP Semiconductors PCD3316 Datasheet HTML 2Page - NXP Semiconductors PCD3316 Datasheet HTML 3Page - NXP Semiconductors PCD3316 Datasheet HTML 4Page - NXP Semiconductors PCD3316 Datasheet HTML 5Page - NXP Semiconductors PCD3316 Datasheet HTML 6Page - NXP Semiconductors PCD3316 Datasheet HTML 7Page - NXP Semiconductors PCD3316 Datasheet HTML 8Page - NXP Semiconductors PCD3316 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Philips Semiconductors
PCD3316
CIDCW receiver
Product specification
11 March 1999
2 of 30
9397 750 04824
© Philips Electronics N.V. 1999. All rights reserved.
2.
Features
s Bellcore’s ‘CPE Alerting Signal (CAS)’ and British Telecom’s (BT) ‘Loop State
Tone Alert Signal’ detection
s BT’s ‘Idle State Tone Alert Signal’ by means of monitoring the input signal level
s 1200 baud FSK demodulator conform Bell 202 and CCITT V23 standards
s Ring or polarity change detector
s Ring period measurement
s Low battery comparator
s Signal level detector
s On-hook and off-hook applications according to Bellcore TR-NWT-000030 and
SR-TSV-002476 specifications
s Receive sensitivity of
−37.8 dBm (in 600 Ω) for CAS
s 2.5 to 3.6 V supply; low power standby mode
s Selectable 1 second or 1 minute timebase interrupt
s 3.58 MHz and 32.768 kHz crystal oscillators
s SO16 package.
3.
Applications
s Analog Display Services Interface (ADSI) phones
s Feature phones and adjunct boxes with Bellcore CID, CIDCW and CNAM systems
s Computer Telephony Integrated (CTI) systems.
4.
Ordering information
Table 1:
Ordering information
Type number
Package
Name
Description
Version
PCD3316T
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com