Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3316 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCD3316
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCD3316 Datasheet HTML 22Page - NXP Semiconductors PCD3316 Datasheet HTML 23Page - NXP Semiconductors PCD3316 Datasheet HTML 24Page - NXP Semiconductors PCD3316 Datasheet HTML 25Page - NXP Semiconductors PCD3316 Datasheet HTML 26Page - NXP Semiconductors PCD3316 Datasheet HTML 27Page - NXP Semiconductors PCD3316 Datasheet HTML 28Page - NXP Semiconductors PCD3316 Datasheet HTML 29Page - NXP Semiconductors PCD3316 Datasheet HTML 30Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Philips Semiconductors
PCD3316
CIDCW receiver
Product specification
11 March 1999
26 of 30
9397 750 04824
© Philips Electronics N.V. 1999. All rights reserved.
Typical dwell time is 4 seconds at 250
°C. A mildly-activated flux will eliminate the
need for removal of corrosive residues in most applications.
13.4 Manual soldering
Fix the component by first soldering two diagonally-opposite end leads. Use a low
voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time
must be limited to 10 seconds at up to 300
°C.
When using a dedicated tool, all other leads can be soldered in one operation within
2 to 5 seconds between 270 and 320
°C.
13.5 Package related soldering information
[1]
All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the
maximum temperature (with respect to time) and body size of the package, there is a risk that internal
or external package cracks may occur due to vaporization of the moisture in them (the so called
popcorn effect). For details, refer to the Drypack information in the
Data Handbook IC26; Integrated
Circuit Packages; Section: Packing Methods.
[2]
These packages are not suitable for wave soldering as a solder joint between the printed-circuit board
and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top
version).
[3]
If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave
direction. The package footprint must incorporate solder thieves downstream and at the side corners.
[4]
Wave soldering is only suitable for LQFP, QFP and TQFP packages with a pitch (e) equal to or larger
than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
[5]
Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than
0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
Table 19: Suitability of surface mount IC packages for wave and reflow soldering
methods
Package
Soldering method
Wave
Reflow [1]
BGA, SQFP
not suitable
suitable
HLQFP, HSQFP, HSOP, HTSSOP, SMS
not suitable [2]
suitable
PLCC, SO, SOJ
suitable
suitable
LQFP, QFP, TQFP
not recommended [3] [4]
suitable
SSOP, TSSOP, VSO
not recommended [5]
suitable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com