Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3316 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCD3316
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCD3316 Datasheet HTML 14Page - NXP Semiconductors PCD3316 Datasheet HTML 15Page - NXP Semiconductors PCD3316 Datasheet HTML 16Page - NXP Semiconductors PCD3316 Datasheet HTML 17Page - NXP Semiconductors PCD3316 Datasheet HTML 18Page - NXP Semiconductors PCD3316 Datasheet HTML 19Page - NXP Semiconductors PCD3316 Datasheet HTML 20Page - NXP Semiconductors PCD3316 Datasheet HTML 21Page - NXP Semiconductors PCD3316 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Philips Semiconductors
PCD3316
CIDCW receiver
Product specification
11 March 1999
18 of 30
9397 750 04824
© Philips Electronics N.V. 1999. All rights reserved.
8.
Limiting values
[1]
VI(max) = 5.0 V.
9.
Characteristics
Table 17: Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+5.0
V
IDD
supply current
−
50
mA
II
DC input current at any input
−10
+10
mA
IO
DC output current at any output
−10
+10
mA
VI
input voltage on all inputs
−0.5
VDD + 0.5 [1]
V
Ptot
total power dissipation
−
300
mW
PO
power dissipation per output
−
10
mW
Tamb
operating ambient temperature
−25
+70
°C
Tstg
storage temperature
−65
+150
°C
Table 18: Characteristics
VDD = 2.5 to 3.6 V; Tamb = −25 to +70 °C; HXIN = 3.579545 MHz ±0.05%; LXIN = 32.768 kHz ±0.1%; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
[1] 2.5
3.3
3.6
V
VPOR(H)
power-on reset HIGH voltage
1.85
2.05
2.25
V
Vhys(POR)
power-on reset hysteresis voltage
[2] 50
100
150
mV
IDD
supply currents
VDD = 2.5 V
Power-down mode
[3]
−
30
70
µA
operating
[3] [4]
−
2.0
2.3
mA
Low voltage and polarity comparators (pins LOWBAT, POL0 and POL1)
Vhys
hysteresis voltage
−
20
−
mV
ILI
input leakage current
[5]
−−
1
µA
Internal reference
Vref
reference voltage level
1.125
1.25
1.375
V
Pi(ref)
input signal reference power for Low
Level Status bit
in 600
Ω load
[6]
−43.8
−−37.8
dBm
tr(level)
input signal to Low Level Status bit rise
time
input signal power < Pi(ref)
−−
8ms
tf(level)
input signal to Low Level Status bit fall
time
input signal power > Pi(ref)
−−
8ms
Logical output (pin IRQ) [7]
IOL
LOW-level output current
VIRQ = 0.4 V
2
−−
mA
IOH
HIGH-level output current
VIRQ =VDD − 0.4 V
2
−−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com