Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3316 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCD3316
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCD3316 Datasheet HTML 22Page - NXP Semiconductors PCD3316 Datasheet HTML 23Page - NXP Semiconductors PCD3316 Datasheet HTML 24Page - NXP Semiconductors PCD3316 Datasheet HTML 25Page - NXP Semiconductors PCD3316 Datasheet HTML 26Page - NXP Semiconductors PCD3316 Datasheet HTML 27Page - NXP Semiconductors PCD3316 Datasheet HTML 28Page - NXP Semiconductors PCD3316 Datasheet HTML 29Page - NXP Semiconductors PCD3316 Datasheet HTML 30Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Philips Semiconductors
PCD3316
CIDCW receiver
Product specification
11 March 1999
27 of 30
9397 750 04824
© Philips Electronics N.V. 1999. All rights reserved.
14. Revision history
Rev Date
CPCN Description
01
990311
-
This data sheet supersedes the version of 1998 May 14 (9397 750 03525):
• The format of this specification has been redesigned to comply with Philips Semiconductors’ new
presentation and information standard
• Section 1 “General description” on page 1: reference to application note AN98701 added
• Section 7.6 “Level detect” on page 7: Added text regarding the frequency band for signal power
measurement
• Section 7.10 “3.58 MHz oscillator circuitry” on page 8: recommended resonator indication
removed
• Section 7.13 “Registers” on page 15: new register presentation in this section
• Table 14 “ Description of CIDMD1 bits” on page 17: Description of bit CIDMD1.6 and CIDMD1.5
adjusted
• Application diagram Figure 16a on page 23: diodes removed
• Added Section 11.1 “Application note on Customer Premises Equipment (CPE) testing” on
page 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com