Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3360P Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCD3360P
Description  Programmable multi-tone telephone ringer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3360P Datasheet(HTML) 4 Page - NXP Semiconductors

  PCD3360P Datasheet HTML 1Page - NXP Semiconductors PCD3360P Datasheet HTML 2Page - NXP Semiconductors PCD3360P Datasheet HTML 3Page - NXP Semiconductors PCD3360P Datasheet HTML 4Page - NXP Semiconductors PCD3360P Datasheet HTML 5Page - NXP Semiconductors PCD3360P Datasheet HTML 6Page - NXP Semiconductors PCD3360P Datasheet HTML 7Page - NXP Semiconductors PCD3360P Datasheet HTML 8Page - NXP Semiconductors PCD3360P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1997 Jan 15
4
Philips Semiconductors
Product specification
Programmable multi-tone telephone ringer
PCD3360
5
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
TONE SEQUENCE GENERATION
TIMING
DUTY CYCLE
CONTROL
OSCILLATOR
(64 kHz)
OUTPUT
CIRCUIT
ENABLE
CIRCUIT
TONE GENERATION
10
11
59
14
15
16
6
4
OSC
IS1
IS2
RR1 RR2 TS1 TS2
DM FDI
FDE
OPT
TONE
FL
FH
MGD710
VDD
VSS
7
1
3
2
13
12
8
fclk = 32 kHz
(tone pattern)
(32 kHz pulses)
PCD3360
6
PINNING INFORMATION
6.1
Pinning
Fig.2 Pin configuration.
handbook, halfpage
PCD3360P
PCD3360T
MGD708
1
2
3
4
5
6
7
8
FDE
RR2
RR1
OSC
VDD
TONE
OPT
DM
FH
FL
FDI
TS1
TS2
VSS
IS1
IS2
16
15
14
13
12
11
10
9
6.2
Pin description
Table 1
Pin description, PCD3360
SYMBOL
PIN
TYPE
DESCRIPTION
FDE
1
I
frequency discriminator
enable
RR2, RR1
2, 3
I
repetition rate selection
OSC
4
I
oscillator
VDD
5
P
positive supply
TONE
6
O
tone output
OPT
7
O
optical signal output
DM
8
I
drive mode selection
IS2, IS1
9, 10
I
impedance setting and
automatic swell
VSS
11
P
ground
TS2, TS1
12, 13
I
tone sequence selection
FDI
14
I
frequency discriminator
input
FL, FH
15, 16
I
lower and upper
frequency limit selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com