Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3360P Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCD3360P
Description  Programmable multi-tone telephone ringer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3360P Datasheet(HTML) 5 Page - NXP Semiconductors

  PCD3360P Datasheet HTML 1Page - NXP Semiconductors PCD3360P Datasheet HTML 2Page - NXP Semiconductors PCD3360P Datasheet HTML 3Page - NXP Semiconductors PCD3360P Datasheet HTML 4Page - NXP Semiconductors PCD3360P Datasheet HTML 5Page - NXP Semiconductors PCD3360P Datasheet HTML 6Page - NXP Semiconductors PCD3360P Datasheet HTML 7Page - NXP Semiconductors PCD3360P Datasheet HTML 8Page - NXP Semiconductors PCD3360P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1997 Jan 15
5
Philips Semiconductors
Product specification
Programmable multi-tone telephone ringer
PCD3360
7
FUNCTIONAL DESCRIPTION (see Fig.1)
7.1
Supply pins (VDD and VSS)
If the supply current (VDD) drops below the standby voltage
(Vstb), the oscillator and most other functions are switched
off and the supply current is reduced to the standby current
(Istb). The automatic swell register retains its information
until VDD drops further to a value VAS at which reset
occurs.
7.2
Oscillator (OSC)
The 64 kHz oscillator is operated via an external resistor
and capacitor connected to pin OSC (see Fig.8).
The oscillator signal is divided by two to provide the 32 kHz
internal system clock.
7.3
Selection pin input circuit (see Fig.3)
Pins FDE, RR1, RR2, DM, IS1, IS2, TS1, TS2, FL and FH
are pulled down internally by a pull-down current IIH when
they are connected to VDD and by a pull-down resistance
RIL when they are connected to VSS. Thus when the pins
are open-circuit they are defined LOW. Therefore only a
single-contact switch is required to connect the pins to
VDD; yet the supply current is only marginally increased as
IIH is very small.
Fig.3 Input circuit of selection pins.
(1) Transistor resistance is RIL when switched on.
FDE
RR1
RR2
DM
IS1
IS2
TS1
TS2
FL
FH
selection
pins
IIH
VSS
MGD709
PCD3360
(1)
7.4
Frequency discriminator circuit (FDE and FDI)
The frequency discriminator circuit prevents the ringer
being activated unintentionally by dial pulses, speech or
other invalid signals.
The circuit is enabled or disabled by input FDE. When FDE
is LOW and VDD >Vstb, the circuit is enabled and FDI acts
as the input for ringing frequency detection. When FDE is
HIGH, the circuit is disabled and FDI becomes the
enable/disable input for tone sequence generation.
When the circuit is enabled, it starts to produce output
ringing tones after one cycle of an appropriate input
frequency is detected at FDI. An input cycle is detected
when either 2 rising or 2 falling edges are received, and
this implies a delay of between 1 and 1.5 input cycles
before output ringing begins. The allowed input frequency
range is set by the states of pins FL and FH, as shown in
Table 2. Output ringing continues for as long as valid input
ringing frequency is detected.
FDI has a Schmitt-trigger action; the levels are set by an
external resistor R2 (see Fig.8) and an internal sink current
that is switched from 20
µA (typ.) for FDI = LOW to <0.1 µA
for FDI = HIGH. Excess current entering FDI via R2 is
absorbed by internal diodes clamped to VDD and VSS.
7.5
Selection of frequency discriminator limits
(FL and FH)
With the frequency discriminator enabled (VDD >Vstb and
FDE = LOW) the lower and upper limits of the input
frequency are set by the inputs FL and FH as shown by
Table 2.
Table 2
Selection of lower and upper frequency
discriminator limits (fOSC = 64 kHz)
FL INPUT
STATE
LOWER
LIMIT
FH INPUT
STATE
UPPER
LIMIT
LOW
20 Hz
LOW
60 Hz
HIGH
13.3 Hz
HIGH
30 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com