Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3360P Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCD3360P
Description  Programmable multi-tone telephone ringer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3360P Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCD3360P Datasheet HTML 11Page - NXP Semiconductors PCD3360P Datasheet HTML 12Page - NXP Semiconductors PCD3360P Datasheet HTML 13Page - NXP Semiconductors PCD3360P Datasheet HTML 14Page - NXP Semiconductors PCD3360P Datasheet HTML 15Page - NXP Semiconductors PCD3360P Datasheet HTML 16Page - NXP Semiconductors PCD3360P Datasheet HTML 17Page - NXP Semiconductors PCD3360P Datasheet HTML 18Page - NXP Semiconductors PCD3360P Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
1997 Jan 15
15
Philips Semiconductors
Product specification
Programmable multi-tone telephone ringer
PCD3360
UNIT
A
max.
A1
A2
A3
bp
cD
(1)
E
(1)
(1)
eHE
LLp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.30
0.10
2.45
2.25
0.49
0.36
0.32
0.23
10.5
10.1
7.6
7.4
1.27
10.65
10.00
1.1
1.0
0.9
0.4
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.4
SOT162-1
8
16
w M
b p
D
detail X
Z
e
9
1
y
0.25
075E03
MS-013AA
pin 1 index
0.10
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.41
0.40
0.30
0.29
0.050
1.4
0.055
0.42
0.39
0.043
0.039
0.035
0.016
0.01
0.25
0.01
0.004
0.043
0.016
0.01
X
θ
A
A1
A2
HE
L p
Q
E
c
L
v M A
(A )
3
A
0
5
10 mm
scale
92-11-17
95-01-24
SO16: plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com