Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3360P Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCD3360P
Description  Programmable multi-tone telephone ringer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3360P Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCD3360P Datasheet HTML 8Page - NXP Semiconductors PCD3360P Datasheet HTML 9Page - NXP Semiconductors PCD3360P Datasheet HTML 10Page - NXP Semiconductors PCD3360P Datasheet HTML 11Page - NXP Semiconductors PCD3360P Datasheet HTML 12Page - NXP Semiconductors PCD3360P Datasheet HTML 13Page - NXP Semiconductors PCD3360P Datasheet HTML 14Page - NXP Semiconductors PCD3360P Datasheet HTML 15Page - NXP Semiconductors PCD3360P Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1997 Jan 15
12
Philips Semiconductors
Product specification
Programmable multi-tone telephone ringer
PCD3360
11 AC CHARACTERISTICS
VDD = 6.0 V; VSS =0V; fOSC = 64 kHz; Tamb = −25 to +70 °C; valid enable conditions at FDI and FDE; all voltages with
respect to VSS; unless otherwise specified.
Notes
1. The switch-on delay is measured in cycles of incoming ringing frequency.
2. Lead lengths of ROSC and COSC to be kept to a minimum.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
td(on)
switch-on delay
FDE = LOW; ringing frequency
within limit set by FL and FH; note 1
1
−
1.5
cycle
td(off)
switch-off delay
FL = LOW
−−
50
ms
FL = HIGH
−−
75
ms
fOSC
oscillator frequency
ROSC = 365 kW; COSC =56pF;
Tamb =25 °C; note 2
60
64
68
kHz
∆fOSC/∆VP oscillator frequency variation
with respect to supply voltage
−
1
−
%/V
∆f
OSC/∆T
oscillator frequency variation
with respect to temperature
−
0.05
−
%/K
12 APPLICATION INFORMATION
Application of the PCD3360 in a telephone ringer circuit
together with a loudspeaker is shown in Fig.8.
The threshold levels VH and VL of the frequency
discriminator circuit are determined by:
• The logic threshold of input FDI (0.5VDD, typically 3.4 V
for VDD = 6.8 V)
• The pull-down current of input FDI (20 µA typically for
FDI < 3.4 V)
• The value of R2 (680 kΩ in Fig.8).
For a positive slope the voltage at R2 must exceed the
value VH before FDI will become HIGH; VH is the sum of
the input threshold and the voltage drop across R2 thus:
For a negative slope, the voltage at R2 must decrease
below the value of VL before FDI will become LOW.
Because the current into FDI is negligible with FDI = HIGH
the voltage drop across R2 can be discounted, thus
VL = 3.4 V.
The minimum operating voltage across C3 is 17.8 V which
is determined by:
• The minimum operating voltage of the PCD3360 (5.8 V)
• The supply current of the PCD3360 (120 µA max.)
• The value of R3 (100 kΩ in Fig.8).
V
H
3.4
680
10
3
–
×


20
10
6
–
×


×
+
17 V
==
The total switch-on delay equals approximately the time
required to charge the supply capacitor C3 to the minimum
operating value, plus the specified switch-on delay of the
PCD3360.
The high operating voltage combined with the class D
output stage ensures the optimal energy conversion and
thereby a high sound level. The design can easily be
optimized for parallel or series connection of more than
one ringer. The diode bridge, zener diode (D1) and resistor
R1 protect the ringer against transients up to 5 kV. During
these surges the voltage on the 68 V zener diode
(BZW03-C68) can rise to 100 V; the DMOS transistor
BST72A (TR1) has a maximum drain-source voltage of
100 V. Up to 220 V, 50 Hz can be applied to the a/b
terminals without damaging the ringer.
The choke (L1) in series with the 50
Ω loudspeaker
increases the sound pressure level by approximately 3 dB
by suppression of the 32 kHz carrier frequency and its
sidebands. The flyback diode BAX18A (D2) is a fast type
with low forward voltage to obtain high efficiency.
Application of the PCD3360 together with a PXE
transducer is shown in Fig.9. The only significant
difference between Fig.8 and Fig.9 is the output stage.
Two BST72A transistors provide an output voltage swing
almost equal to the voltage at C3. Pins IS1 and IS2 are
inoperative because DM = HIGH. Volume control is
possible using resistor RV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com