Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3360P Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCD3360P
Description  Programmable multi-tone telephone ringer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3360P Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCD3360P Datasheet HTML 7Page - NXP Semiconductors PCD3360P Datasheet HTML 8Page - NXP Semiconductors PCD3360P Datasheet HTML 9Page - NXP Semiconductors PCD3360P Datasheet HTML 10Page - NXP Semiconductors PCD3360P Datasheet HTML 11Page - NXP Semiconductors PCD3360P Datasheet HTML 12Page - NXP Semiconductors PCD3360P Datasheet HTML 13Page - NXP Semiconductors PCD3360P Datasheet HTML 14Page - NXP Semiconductors PCD3360P Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1997 Jan 15
11
Philips Semiconductors
Product specification
Programmable multi-tone telephone ringer
PCD3360
10 DC CHARACTERISTICS
VDD = 6.0 V; VSS =0V; fOSC = 64 kHz; Tamb = −25 to +70 °C; valid enable conditions at FDI and FDE; all voltages with
respect to VSS; unless otherwise specified.
Notes
1. For VDD <Vstb the circuit is in standby mode.
2. At VDD =VAS the automatic swell register is reset.
3. ROSC = 365 kΩ; COSC = 56 pF; FDI = FDE = VDD; all other inputs and outputs open-circuit; see Figs 8 and 9.
4. The standby supply current is measured with all inputs and outputs open-circuit, with the exception of OSC.
5. The current IIS is clamped to VDD and to VSS by two internal diodes. Correct operation is ensured with VFDI >VDD or
VFDI <VSS, provided the maximum value of IIS is not exceeded. (The input FDI has an extended HIGH and LOW
input voltage range.)
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
operating supply voltage
Vstb + 0.1 −
8.0
V
Vstb
standby supply voltage
note 1
3.9
4.8
5.7
V
VAS
supply voltage for automatic
swell reset
note 2
0.5Vstb
V
IDD
operating supply current
note 3
−
110
140
µA
Istb
standby supply current
VDD <Vstb; note 4
−
38
µA
Inputs
VIL
LOW level input voltage
0
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD
V
PULL-DOWN CIRCUIT OF INPUTS FDE, R1, RR2, DM, IS1, IS2, TS1, FL, FH
RIL
pull-down resistance
input at VSS
−
20
−
k
Ω
IIH
pull-down current
input at VDD
−
0.1
−µA
PULL-DOWN CIRCUIT OF FDI
ISL
pull-down current (LOW)
VFDI = 0.3VDD; Tamb =25 °C
142332
µA
TC(FDI)
temperature coefficient of ISL
VFDI = 0.3VDD; Tamb =25 °C
−
0.5
−
%/
°C
ISH
pull-down current (HIGH)
VFDI = 0.8VDD
−
0.1
−µA
ISX
pull-down current (STANDBY)
VDD <Vstb
−
0.1
−µA
IIS
current into input FDI
note 5
−0.2
−
+0.2
mA
Outputs, TONE and OPT
IOL
output sink current
VOL = 0.5 V
1
2
−
mA
IOH
output source current
VOL = −0.5 V
−1
−2
−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com