Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3360P Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCD3360P
Description  Programmable multi-tone telephone ringer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3360P Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCD3360P Datasheet HTML 2Page - NXP Semiconductors PCD3360P Datasheet HTML 3Page - NXP Semiconductors PCD3360P Datasheet HTML 4Page - NXP Semiconductors PCD3360P Datasheet HTML 5Page - NXP Semiconductors PCD3360P Datasheet HTML 6Page - NXP Semiconductors PCD3360P Datasheet HTML 7Page - NXP Semiconductors PCD3360P Datasheet HTML 8Page - NXP Semiconductors PCD3360P Datasheet HTML 9Page - NXP Semiconductors PCD3360P Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1997 Jan 15
6
Philips Semiconductors
Product specification
Programmable multi-tone telephone ringer
PCD3360
7.6
Selection of tone sequences (TS1 and TS2)
TS1 and TS2 are effective when both FDE and FDI are HIGH, and VDD >Vstb. TS1 and TS2 normally select one of the
four standard tone sequences shown in Fig.4. Different tone sequences of 15 or 16 consecutive tones and pauses can
be mask programmed to order. The seven tones (plus pause) available are shown in Fig.5, together with the
corresponding ROM codes.
The tone sequences are repeated continuously provided the enable conditions at inputs FDE and FDI are valid and
VDD >Vstb. The first sequence and subsequent repetitions always begin with the first note in the sequence.
Fig.4 Tone sequences mask-programmed in the PCD3360.
handbook, full pagewidth
3
pin state
tone code
tone code
tone code
tone code
MGD715
H
H
L
H
H
L
L
L
TS1
TS2
tone sequence output at pin TONE
33
22
2
444
7
7
7
6
66
44
4
4
0
4
044
4
4
4
4
40 0
13
1
1
3
1
313
3
1
3
1
3
3
1
45
4
4
5
4
545
5
4
5
4
5
5
4
Fig.5 Available tones (including pause) and their corresponding ROM codes.
handbook, full pagewidth
tone key
−
cd
e
g
b
c
e
tone code
1
2
3
4
5
6
7
MGD714
frequency (Hz)
533
0
0
600
667
800 1000 1067 1333
frequency ratio
8
9
10
12
15
16
20
::
:
:
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com